Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  Single-Chip MP3 Decoder with Full Audio Interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT83SND2CMP3 Datasheet HTML 25Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 26Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 27Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 28Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 29Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 30Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 31Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 32Page - ATMEL Corporation AT83SND2CMP3 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
29
AT83SND2CMP3
7524B–MP3–05/06
Table 24.
DAC Output Level Control
Digital Mixer Control
The Audio DAC features a digital mixer that allows the mixing and selection of multiple
input sources.
The mixing / multiplexing functions are described in the following table according with
the next figure:
Figure 27.
Mixing / Multiplexing functions
Note:
Whenever the two mixer inputs are selected, a –6 dB gain is applied to the output signal.
Whenever only one input is selected, no gain is applied.
010111
-34.5
011000
-36.0
011001
-37.5
011010
-39.0
011011
-40.5
011100
-42.0
011101
-43.5
011110
-45.0
011111
-46.5
100000
mute
LOLC 2:0
ROLC 2:0
Gain (dB)
000
6
001
3
010
0
011
-3
100
-6
Table 23.
Line-out Gain (Continued)
Volume
Control
Volume
Control
Volume
Control
Volume
Control
+
+
1
2
2
1
Left channel
Right channel
From digital
filters
To DACs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com