Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
Data Sheet
ADIN1300
THEORY OF OPERATION
analog.com
Rev. B | 24 of 96
The RESET_N pin is referenced to the AVDD3P3 voltage domain.
In applications where the reset signal is originating from a device
operating with VDDIO residing in a 1.8 V voltage domain, use a
level shifter to translate the reset signal to meet the input voltage
thresholds of the RESET_N pin.
When the RESET_N pin is deasserted, the crystal oscillator circuit
is enabled and the clock is given time to stabilize. The state of
the hardware configuration pins is read and latched, the digital and
analog circuits are initialized, and the PHY core clock multiplier unit
(CMU) is reset. After 5 ms from the deassertion of RESET_N, the
management interface registers are accessible and the device can
be programmed. This time is significantly shorter if a single-ended
clock rather than a crystal is used and the management interface
registers are accessible 3 ms after the deassertion of RESET_N.
If the ADIN1300 is configured to enter software power-down after
a reset (see Table 25), the ADIN1300 enters software power-down
mode and an interrupt is generated to indicate that a hardware
reset occurred.
The following events occur after a hardware reset:
►
The crystal oscillator circuit is enabled and time is allowed for the
clock to stabilize.
►
The hardware configuration pins are read and the values latch-
ed. These set the default values of the pin-dependent registers in
the subsystem and PHY core registers.
►
The MAC interface block is reset.
►
The PHY core is reset.
►
The PHY core CMU is reset.
►
An interrupt to indicate that a hardware reset occurred is gen-
erated depending on the pin configuration, if the ADIN1300
was configured to enter software power-down mode after reset.
Clearing the interrupt on INT_N after this condition can be per-
formed by reading the GE_IRQ_LAT register at address 0xFF1E.
or reading the IRQ_STATUS register at Address 0x0019.
Software Reset
The ADIN1300 supports the following different software resets that
reset specific circuit blocks under software control:
►
Subsystem software reset with pin configuration
►
Subsystem software reset
►
PHY core software reset
Subsystem Software Reset with Pin
Configuration
The ADIN1300 supports a software reset capability that behaves in
a similar way to a hardware reset (see Table 20 and the Subsystem
Register Summary section). A subsystem reset with a pin configu-
ration can be initiated by setting the GE_SFT_ RST_CFG_EN bit
(Address 0xFF0D) to 1 before setting GE_SFT_RST bit (Address
0xFF0C) to 1. This subsystem software reset follows the same
reset sequence as the POR and hardware reset, except the crystal
oscillator is not disabled and the clock stabilization step is skipped.
The state of the hardware configuration pins is read and latched.
These configuration pins set the default values of the pin dependent
registers in the subsystem and PHY core registers. The MAC
interface block and PHY core are reset. If a 125 MHz clock is
selected as the PHY output clock, the GP_CLK pin, the PHY core
CMU is not reset. Otherwise, the CMU is reset. The main difference
between this type of reset and a hardware reset is that the crystal
oscillator is not disabled.
Note that the GE_SFT_RST_CFG_EN bit is reset to its default
value of 0 by this type of reset.
The following events occur after a subsystem software reset with
pin configuration:
►
The crystal oscillator circuit is not disabled during this type of
reset.
►
The hardware configuration pins are read and the values latch-
ed. These set the default values of the pin dependent registers in
the subsystem and PHY core registers.
►
The MAC interface block is reset.
►
The PHY core is reset.
►
The PHY core CMU is reset.
►
The output reference clock is not available on the CLK25_REF
pin during this reset.
►
If a 125 MHz clock is selected as the PHY output clock it is not
available on the GP_CLK pin during this reset.
Subsystem Software Reset
The subsystem can be reset by setting the GE_SFT_RST bit,
Address 0xFF0C to 1. This bit is self clearing. Setting this bit resets
the subsystem and PHY core registers, the MAC interface block,
and the PHY core. The hardware configuration pins are not reread,
and previously latched values of the hardware configuration pins
are used to set the default values of the pin dependent registers in
the subsystem and PHY core registers.
The following events occur after a subsystem software reset:
►
The crystal oscillator circuit is not disabled during this type of
reset.
►
The hardware configuration pins are not reread. The pin depend-
ent registers in the subsystem registers and PHY core registers
are reset to the default values defined by the previously latched
values of the hardware configuration pins.
►
The MAC interface block is reset.
►
The PHY core is reset.
►
If a 125 MHz clock is selected as the PHY output clock, the
GP_CLK pin, the PHY core CMU is not reset. Otherwise, the
CMU is reset.
►
The output reference clock (if enabled) is available on the
CLK25_REF pin during this reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com