Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
Data Sheet
ADIN1300
APPLICATIONS INFORMATION
analog.com
Rev. B | 43 of 96
Figure 33. RGMII Configuration for Repeater/Back to Back Mode
RMII Back to Back
RMII receive or transmit interfaces are not functionally compatible
or are not supported by the RMII specification and, therefore, by
default, are not intended to be connected back to back directly.
However, there is a bit field provided in the ADIN1300 that allows
configuration of back to back mode with the RMII interface. If
connecting the ADIN1300 to another ADIN1300 (or ADIN1200), set
GE_RMII_CRS_EN to 0 in the GE_RMII_CFG register. This setting
disables CRS encoding on CRS_DV so that it can be connected to
TX_EN.
Figure 34. Back to Back with RMII Interface
Back to Back Mode in 10BASE-T
In 10BASE-T mode and with any of the MAC interfaces, the
10BASE-T receiver can remove several preamble bits so that the
receiver data can have <7 preamble bytes. This removal can cause
problems for the remote end receiving the frame. To avoid any
issues, enable the 10BASE-T receive preamble regeneration by
setting the GE_B10_REGEN_PRE register (Address 0xFF38) to
0x1.
RGMII TIMING EXAMPLES
The ADIN1300 RGMII timing parameters are based on the RGMII
v2.0 standard and support operation with both internal delay mode
and earlier implementations of the standard where external trace
delays were relied on and are less commonly used.
When internal delay mode is used, typically each side (MAC/PHY)
delays the clock it sources, with MAC delaying its internal TXC
and PHY delaying its internally generated RXC. The PHY has the
capability to delay both RXC and TXC internally for cases where
the MAC does not have an internal DLL, which may be the case
with some microcontrollers. The PHY also provides the ability to
adjust the delay value (range of 1.6 ns to 2.4 ns) on either RXC
or TXC through software writes (see Register GE_RGMII_CFG).
Figure 35 to Figure 37 show examples of RGMII timing for different
modes of operation and speeds.
The ADIN1300 supports required and optional in-band signaling as
outlined in the RGMII v2.0 standard.
Figure 35. RGMII Timing Example for 100 Mbps Data Rate (Using PCB Trace Delay)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com