Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
Data Sheet
ADIN1300
HARDWARE CONFIGURATION PINS
analog.com
Rev. B | 33 of 96
Forced/Advertised PHY Speed
As outlined in Table 25, it is possible to advertise all or a subset of
PHY speed capabilities, select preferred slave or master, set half
duplex or full duplex mode, and enable or disable autonegotiation.
Autonegotiation is enabled for the first 11 rows in Table 25, such
as in the case of advertised speeds modes. It is also possible to
configure forced speed modes where autonegotiation is disabled
and the speed is forced (Row 12 to Row 14 of Table 25).
Referring to Table 25, three of the PHY_CFG1 and PHY_CFG0
hardware configuration pin settings result in the same link speed
configuration (Row 1, Row 2, and Row 4). However, Row 1 also
enables three other functions, Row 2 does not enable any extra
functions, and in Row 4, the ADIN1300 is configured to enter
software power-down mode after reset. The enabling or disabling of
autonegotiation and advertised speed settings can also be set us-
ing the standard IEEE registers, MII_CONTROL (Address 0x0000),
AUTONEG_ADV (Address 0x0004), and MSTR_SLV_CONTROL
(Address 0x0009).
Software Power-Down After Reset
If the ADIN1300 is configured so that it does not enter software
power-down mode after reset, the ADIN1300 attempts to bring up
links at the configured speeds and MDI/MDIX configuration after it
exits reset. If the ADIN1300 is configured so that it enters software
power-down mode after reset (Row 4), the ADIN1300 waits in
software power-down until it is configured over the MDIO interface,
at which point the PHY configuration can be set to exit software
power-down by software. The ADIN1300 can also be put into soft-
ware power-down mode by setting the SFT_PD bit (MII_CONTROL
register, Address 0x0000).
Downspeed Configuration
If downspeed is enabled, the PHY down speeds to a lower speed
after a number of attempts if it cannot link at the highest speed
advertised. The use of downspeed requires autonegotiation to be
enabled with multiple speeds advertised. The default operation
of downspeed can be overwritten in software by writing to DN_
SPEED_TO_100_EN (PHY_CTRL_2 register, Address 0x0016,
Bit 11), DN_SPEED_TO_10_EN (PHY_CTRL_2 register, Address
0x0016, Bit 10), and NUM_SPEED_RETRY (PHY_CTRL_3 regis-
ter, Address 0x0017, Bits[12:10]).
Energy Detect Power-Down Configuration
If energy detect power-down is enabled and no energy is detected
at the MDI pins, the ADIN1300 enters a low power mode. There-
fore, this mode saves power where there is no cable connected or
the remote PHY is powered down.
Energy Efficient Ethernet
If EEE is enabled and also advertised by the remote PHY, the
ADIN1300 can enter a low power mode (low power idle) when no
data is being transmitted by either end. See the EEE, Low Power
Idle Mode section for more details.
Auto MDIX Configuration
Auto MDIX configuration mode is shared with the GP_CLK pin and
can be configured according to Table 26. This pin does not have an
internal pull-up resistor, so external resistors must be used to set
the MDI/MDIX mode.
Table 26. Auto MDIX Configuration
Configuration
MDIX_MODE
Manual MDI
MODE_1
Manual MDIX
MODE_2
Auto MDIX, Prefer MDIX
MODE_3
Auto MDIX, Prefer MDI
MODE_4
If auto MDIX is enabled (MODE_3 or MODE_4), the ADIN1300
automatically determines if the MDI or MDIX configuration must be
used. Otherwise, the ADIN1300 is forced to the chosen MDI or
MDIX configuration.
If enabling auto MDIX, the ADIN1300 supports auto MDIX with a
preference for MDI or MDIX. This determines which MDI/ MDIX
setting is first in the autocrossover algorithm. To achieve a faster
MDI/MDIX resolution in some cases, set both PHYs to the same
preferred configuration (MDI or MDIX) when a crossover cable is
used, and to opposite preferred configurations if a straight-through
cable is used, which has the advantage of still being able to work
with a mismatch of wiring and optimize the time to resolve auto
MDIX.
The default operation of auto MDIX can be overwritten in software
by writing to the AUTO_MDI_EN bit (PHY_CTRL_1 register, Ad-
dress 0x0012) and the MAN_MDIX bit (PHY_CTRL_1 register,
Address 0x0012).
MAC Interface Selection
The MAC interface selection is shared with the RX_CTL/RX_DV/
CRS_DV pin and RXC/RX_CLK pin, and can be configured ac-
cording to Table 27. In RGMII mode, it is possible to enable a
2 ns internal delay on RXC only or on both RXC and TXC. The
RX_CTL/RX_DV/CRS_DV pin and RXC/RX_CLK pin have weak
internal pull-down resistors. Therefore, by default, the ADIN1300 is
configured in RGMII mode with a 2 ns delay on RXC and TXC.
External resistors must be used to select any of the remaining MAC
interface modes.
When arranging hardware strapping, review how the MAC interface
pins default (whether internal pull-ups or pull-downs exist) on devi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com