Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 93 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 95Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 96Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 93 of 96
Table 137. Bit Descriptions for GE_IO_INT_N_OR_CNTRL (Continued)
Bits
Bit Name
Description
Reset
Access
110: TX_ER.
101: COL.
100: CRS.
011: receive start of packet indication.
010: transmit start of packet indication.
001: link status.
000: default function, INT_N. The default function when configured for MII MAC interface with EEE
advertisement disabled from hardware pin configuration is CRS. In all other cases, the pin function is
INT_N.
Subsystem LED_0 Pin Override Control Register
Address: 0xFF41, Reset: 0x0000, Name: GE_IO_LED_A_OR_CNTRL
This register allows the default function of the LED_0 pin to be overridden.
Table 138. Bit Descriptions for GE_IO_LED_A_OR_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
[3:0]
GE_IO_LED_A_OR_CNTRL
This bit field allows the default function of the LED_0 pin to be overridden.
0x0
R/W
1111: LED_0.
1110: LED_0.
1101: LED_0.
1100: LED_0.
1011: LED_0.
1010: LED_0.
1001: reserved.
1000: reserved.
0111: LED_0.
0110: TX_ER.
0101: COL.
0100: CRS.
0011: receive start of packet indication.
0010: transmit start of packet indication.
0001: link status.
0000: default function, LED_0. When configured for MII MAC interface with EEE advertisement
disabled from the hardware configuration pins, the default function is COL. When configured for
MII MAC interface with EEE advertisement enabled from the hardware pin configuration, the default
function is TX_ER. In all other cases, the default is LED_0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com