Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
Data Sheet
ADIN1300
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 16 of 96
Table 13. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Supply Domain Description
Power and Ground Pins
4, 28, 36
DVDD_0P9
0.9 V Digital Core Power Supply Input. Connect 0.1 μF and 0.01 μF capacitors to GND as close as
possible to these pins.
5
GND
This pin must be connected to GND on the board.
11, 20
AVDD_3P3
3.3 V Power Supply Input for the PHY Interface, Analog Circuitry, Crystal Oscillator, DLL,
RESET_N, CLK25_REF Generation, and LED Circuitry. Connect 0.1 μF and 0.01 μF capacitors to
GND as close as possible to these pins.
25, 31, 40
VDDIO
3.3 V/2.5 V/1.8 V MDIO and MAC Interface Power Supply Input. Connect 0.1 μF and 0.01 μF
capacitors to GND as close as possible to these pins. If using 3.3 V, to minimize power supplies,
VDDIO and AVDD_3P3 can be connected to the same supply.
EP
Exposed Pad. The LFCSP package has an exposed pad that must be soldered to a metal plate on
the PCB for mechanical reasons and to GND. A 4 × 4 array of thermal vias beneath the exposed
GND pad is also required.
1 In cases where a pin is shared between a functional signal(s) and a hardware pin configuration signal(s), the hardware pin configuration signal(s) is the last name in the
mnenomic and the pin is referred to using the functional signal(s) name throughout the data sheet.
Table 14. Pin Function Descriptions for Each MAC Interface Option
Pin No.
Mnemonic1
MAC Interface Pin Function2
Internal
Pull-
Down3
RGMII
MII and EEE Advertisement Disabled4
MII and EEE Advertisement Enabled3, 5
RMII
1
TXD_1
Yes
TXD_1
TXD_1
TXD_1
TXD_1
2
TXD_2
Yes
TXD_2
TXD_2
TXD_2
3
TXD_3
Yes
TXD_3
TXD_3
TXD_3
9
XTAL_I/CLK_IN/REF_CLK
No
REF_CLK6
21
LED_07/COL/TX_ER
No
COL
TX_ER8
22
INT_N7/CRS
Yes
CRS
27
GP_CLK7/RX_ER
No
RX_ER
RX_ER
RX_ER
29
RXD_3
Yes
RXD_3
RXD_3
RXD_3
30
RXD_2
Yes
RXD_2
RXD_2
RXD_2
32
RXD_1
Yes
RXD_1
RXD_1
RXD_1
RXD_1
33
RXD_0
Yes
RXD_0
RXD_0
RXD_0
RXD_0
34
RXC/RX_CLK
Yes
RXC
RX_CLK
RX_CLK
35
RX_CTL/RX_DV/CRS_DV
Yes
RX_CTL
RX_DV
RX_DV
CRS_DV
37
TX_CTL/TX_EN
Yes
TX_CTL
TX_EN
TX_EN
TX_EN
38
TXC/TX_CLK
Yes
TXC
TX_CLK
TX_CLK
39
TXD_0
Yes
TXD_0
TXD_0
TXD_0
TXD_0
1 Hardware pin configuration signal(s) have been omitted for clarity.
2 Wherever the field is left blank, the pin function is the first function listed in the Mnemonic column.
3 Typical Value of 45 kΩ.
4 EEE advertisement enabled/disabled using the hardware pin configuration. See the Hardware Configuration Pins section.
5 EEE does not support half duplex. Therefore, no CRS pin or COL pin is required.
6 A 50 MHz reference clock must be supplied on the XTAL_I/CLK_IN/REF_CLK pin when using the RMII MAC interface option.
7 These pin functions can also be reconfigured via software.
8 Because TX_ER shares a pin with COL, this pin is grouped with the PHY output pins, even though TX_ER is actually a PHY input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com