Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 86 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 86 of 96
The subsystem registers are accessible at Device Address 0x1E using Clause 45 access. For systems that do not support the interface
specified under Clause 45, these registers can be accessed using Clause 22 access via Register 0x0010 and Register 0x0011.
The default value of some of the registers are determined by the value of the hardware configuration pins, which are read just after the
RESET_N pin is deasserted (see the Hardware Configuration Pins section) so that the default operation of the ADIN1300 can be configured in
unmanaged applications. The default values in the registers listed in Table 121 assume that the ADIN1300 is configured with autonegotiation
enabled, all speeds advertised, and the ADIN1300 is not configured to enter software power-down after reset.
Table 121. Subsystem Register Summary
Address
Name
Description
Reset
Access
0xFF0C
GE_SFT_RST
Subsystem Software Reset Register.
0x0000
R/W
0xFF0D
GE_SFT_RST_CFG_EN
Subsystem Software Reset Configuration Enable Register.
0x0000
R/W
0xFF1D
GE_IRQ_EN
Subsystem Interrupt Enable Register.
0x000E
R/W
0xFF1E
GE_IRQ_LAT
Subsystem Interrupt Status Register.
0x0000
R
0xFF1F
GE_CLK_CFG
Subsystem Clock Configuration Register.
0x0008
R/W
0xFF23
GE_RGMII_CFG
Subsystem RGMII Configuration Register.
0x0E07
R/W
0xFF24
GE_RMII_CFG
Subsystem RMII Configuration Register.
0x0116
R/W
0xFF26
GE_PHY_BASE_CFG
Subsystem PHY Base Configuration Register.
0x0C86
R/W
0xFF27
GE_PHY_IF_CFG
Subsystem Gigabit Ethernet PHY Interface Control Register.
0x0002
R/W
0xFF38
GE_B10_REGEN_PRE
Subsystem 10BASE-T Preamble Generation Register.
0x0000
R/W
0xFF3A
GE_RGMII_IO_CNTRL
Subsystem RGMII I/O Control Register.
0x0005
R/W
0xFF3B
GE_CLK_IO_CNTRL
Subsystem Clock I/O Control Register.
0x0002
R/W
0xFF3C
GE_LNK_STAT_INV_EN
Subsystem Link Status Invert Enable Register.
0x0000
R/W
0xFF3D
GE_IO_GP_CLK_OR_CNTRL
Subsystem GP_CLK Pin Override Control Register.
0x0000
R/W
0xFF3E
GE_IO_GP_OUT_OR_CNTRL
Subsystem LINK_ST Pin Override Control Register.
0x0000
R/W
0xFF3F
GE_IO_INT_N_OR_CNTRL
Subsystem INT_N Pin Override Control Register.
0x0000
R/W
0xFF41
GE_IO_LED_A_OR_CNTRL
Subsystem LED_0 Pin Override Control Register.
0x0000
R/W
SUBSYSTEM REGISTER DETAILS
Subsystem Software Reset Register
Address: 0xFF0C, Reset: 0x0000, Name: GE_SFT_RST
The soft reset register is used to reset the subsystem.
Table 122. Bit Descriptions for GE_SFT_RST
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
GE_SFT_RST
The subsystem can be reset by setting GE_SFT_RST to 1. The subsystem behavior depends on the setting of the
GE_SFT_RST_CFG_EN register.
0x0
R/W SC
When the GE_SFT_RST_CFG_EN bit is set, the subsystem requests a new set of hardware configuration pin settings
from the chip during the software reset sequence. When GE_SFT_RST_CFG_EN is clear, the previously stored
hardware configuration pin settings are reloaded into the corresponding management registers.
Subsystem Software Reset Configuration Enable Register
Address: 0xFF0D, Reset: 0x0000, Name: GE_SFT_RST_CFG_EN
In the event of a software reset using the GE_SFT_RST bit, the subsystem behavior depends on the setting of this register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com