Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
Data Sheet
ADIN1300
APPLICATIONS INFORMATION
analog.com
Rev. B | 45 of 96
terms of layout, tends to be cheaper than integrated magnetics, and
offers better performance overall.
The integrated approach is a combined RJ45 connector jack with
the magnetics built in, which provides a more compact solution
due to fewer components and, in applications where space is at
a premium, condenses the required footprint, but tends to cost
more. Magnetics cores tend to be smaller and closer to each other,
which can compromise EMC performance, increase the likelihood
of crosstalk, and have impacts on performance by increasing losses
and introducing nonlinear distortion.
For optimum performance, a discrete transformer with integrated
common-mode choke is recommended for use with the ADIN1300
PHY. The common-mode choke is important because it attenuates
any common-mode signals picked up by the twisted pair cable from
the environment, improving the signal-to-noise ratio of the system.
Transformers with an autotransformer stage following the common-
mode choke provide additional attenuation of common-mode noise.
Not all transformers include an autotransformer stage, integrated
RJ45s that have the magnetics included tend to have fewer cores
and therefore no autotransformer.
The ADIN1300 transmit drivers are voltage mode with on-chip
terminations. Therefore, connect each of the center tap pins on the
transformer on the ADIN1300 side separately to ground through a
0.1 μF capacitor.
The key considerations for the magnetics are outlined in Table 31.
Table 31. Magnetics Selection
Parameter
Value
Conditions
Turns Ratio
1CT:1CT
Open-Circuit Inductance
350 μH
Min: 100 mV, 100 kHz, 8 mA
Insertion loss
−1 dB
Max: 0 MHz to 100 MHz
MDI ESD Protection
As shown in Figure 31, a transient voltage suppressor (TVS) diode
is recommended in the MDI path.
MDI Capacitive Coupling
Typically, Ethernet applications use galvanic isolation in the form
of magnetics between link partners as shown in Figure 31 and
Figure 32. Some applications may need to provide isolation through
capacitive coupling instead of using magnetics. The ADIN1300 can
support capacitive coupling for short cable distances or backplane
applications. Include a TVS diode on the MDI pairs for protection
against ESD, transients, and surges. If cable length is longer than
1 meter, a common-mode choke is also recommended to minimize
induced common-mode noise. Set the B_100_ZPTM_EN_DIMRX
bit to zero to disable zero-power termination mode and enable
active termination.
Figure 40. Media Dependent Interface Using Capacitive Coupling
POWER REQUIREMENTS
The ADIN1300 has the following three power supply domains and
requires a minimum of two supply sources, 0.9 V and 3.3 V:
►
DVDD_0P9 is the 0.9 V digital core power supply input.
►
AVDD_3P3 is the 3.3 V analog power supply input for the PHY
MDI interface, analog circuitry, crystal oscillator, DLL, RESET_N,
CLK25_REF generation, and LED circuitry.
►
VDDIO enables the MDIO and MAC interface voltage supply
to be configured independently of the other circuitry on the
ADIN1300.
There are no power supply sequencing requirements around the
order of power being applied to the device. See the Power-Up
Timing section for more details.
The following simplified system level power solutions show three
recommended arrangements for powering the ADIN1300 PHY and
companion two-port switch (note that depending on the choice of
two-port switch, there may be differing power supply requirements
to what is shown).
Figure 41. Recommended Power Solution for 3.3 V with RGMI Operating at
VDDIO = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com