Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
Data Sheet
ADIN1300
ON-CHIP DIAGNOSTICS
analog.com
Rev. B | 37 of 96
CABLE DIAGNOSTICS
The ADIN1300 has on-chip cable diagnostics capabilities. This
cable analysis can be used to detect cable impairments that may
be preventing the establishment of a Gigabit link or degrading
performance and can be performed both when the link is up or
when the link is down.
Cable Length Estimate
Each time a 100BASE-TX or 1000BASE-T link is brought up, the
ADIN1300 reports an estimate (typically ±15m) of the cable length
based on the signal processing. This can be read in the cable
diagnostics cable length estimate register (CDIAG_CBL_LEN_EST
register, Address 0xBA25). This estimate is not available for a
10BASE-Te link.
Cable Analysis with TDR
When the link is down, the ADIN1300 can run cable fault detection
using time domain reflectometry (TDR). By transmitting pulses and
analyzing the reflections, the PHY can detect cable faults like
opens, shorts, cross pair shorts, and the distance to the nearest
fault. The PHY can also determine that the pair is well terminated
and does not have any faults.
Put the remote PHY in a power-down state or disconnect the PHY
to run cable fault detection because remote PHY link pulses can
interfere with the analysis of the reflected pulses and can return
a pair busy result. TDR measurements provide a more accurate
cable length (typically ±2m) than the signal analysis method used in
the cable length estimate described in the Cable Length Estimate
section.
The cable fault detection is automatically run on all four pairs
looking at all combinations of pair faults by first putting the
PHY in standby (clear the LINK_EN bit, PHY_CTRL_3 register,
Address 0x0017) and then enabling the diagnostic clock (set the
DIAG_CLK_EN bit, PHY_CTRL_1 register, Address 0x0012). Ca-
ble diagnostics can then be run (set the CDIAG_RUN bit in the
CDIAG_RUN register, Address 0xBA1B).
The results are reported for each pair in the cable diagnostics re-
sults registers, CDIAG_DTLD_RSLTS_0, CDIAG_DTLD_RSLTS_1,
CDIAG_DTLD_RSLTS_2, and CDIAG_DTLD_RSLTS_3, Address
0xBA1D to Address 0xBA20. The distance to the first fault
for each pair is reported in the cable fault distance registers,
CDIAG_FLT_DIST_0, CDIAG_FLT_DIST_1, CDIAG_FLT_DIST_2,
and CDIAG_FLT_DIST_3, Address 0xBA21 to Address 0xBA24.
Cable Polarity Inversion, Pair Swaps
A polarity inversion on each pair is reported in the polarity in-
version register bits (PHY_2_STATUS register, Address 0x001F,
Bits[13:10]) and the B_10_POL_INV bit (PHY_STATUS_1 register,
Address 0x001A). Pair swaps are reported in the pair swap register
bits (PAIR_23_SWAP bit, Address 0x001F and PAIR_01_SWAP bit,
Address 0x001A).
Cable Signal Quality, MSE
The ADIN1300 provides a measure of the signal quality of the
established link. This measurement relates directly to the signal-to-
noise ratio (SNR) seen by the PHY receiver.
When the link is up, the signal quality on each pair is indicat-
ed in the mean square error register for each pair (MSE_A,
MSE_B, MSE_C, and MSE_D registers, Address 0x8402 to Ad-
dress 0x8405, Bits[7:0]). MSE register values in the range of 3 to 5
are expected for a cable length of up to 100 meters. As the cable
length becomes longer and external noise increases, the mean
square error (MSE) reported increases.
To calculate the associated signal-to-noise ratio during idle mode,
apply the following formula to the MSE value read:
SNR (dB) = 10 × log10(MSE/1024)
(1)
An SNR value > 21 dB (MSE of 8 or 9) indicates essentially error
free performance. At 18 dB or 19 dB (MSE of 13 or 14), occasional
errors may be observed over a 24-hour period.
ENHANCED LINK DETECTION
The ADIN1300 supports enhanced link detection, which is early
detection and indication of link loss. This is a feature where the
received signal is monitored, and if a significant number of consec-
utive samples of the signal are not as expected, early indication of
link down is indicated. The ADIN1300 can simultaneously monitor
for a significant number of consecutive 0s, a significant number
of consecutive 1s, or a significant number of consecutive invalid
levels.
If enhanced link detection is enabled (it is enabled by default),
the ADIN1300 typically reacts to a break in the cable within 10
μs and indicates link down via the LINK_ST pin. If enhanced link
detection is not enabled, the ADIN1300 follows the IEEE standard,
and in 100BASE-TX, it can take more than either 350 ms or 750
ms in 1000BASE-T, depending if the PHY is 1000BASE-T master or
1000BASE-T slave.
Enhanced link detection is enabled by default. To change the
configuration for 100BASE-TX via the enhanced link detection
100BASE-TX enable register bits (FLD_EN register, Address
0x8E27, Bit 5 and Bit 3) and for 1000BASE-T via the 1000BASE-T
enhanced link detection enable register bits (FLD_EN register,
Address 0x8E27, Bit 4, Bit 2, and Bit 0).
Do not enable 1000BASE-T retrain (clear the B_1000_RTRN_EN
bit, Address 0xA001) if enhanced link detection is enabled for
1000BASE-T.
The latched status of the enhanced link detection function can
be read via the enhanced link detection status bit, FAST_
LINK_DOWN_LAT (Address 0x8E38).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com