Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 94 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 94 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 95Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 96Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
Data Sheet
ADIN1300
PCB LAYOUT RECOMMENDATIONS
analog.com
Rev. B | 94 of 96
This is an overview of the key areas of interest during placement
and layout of the PHY and corresponding support components.
Take care when routing high speed interface signals to maximize
signal performance and ensure optimum EMC performance, with a
view to ensure critical signal traces are kept as short as possible to
minimize noise coupling.
PHY PACKAGE LAYOUT
The LFCSP has an exposed pad underneath the package that
must be soldered to the PCB ground for mechanical and thermal
reasons. For thermal impedance performance and to maximize
heat removal, use of a 4 × 4 array of thermal vias beneath the
exposed ground pad is recommended.
There are also two bus bars on either side of the exposed pad.
These bus bars are connected to internal voltage rails and are
not intended to be, and must not be soldered to the board. The
PCB land pattern must incorporate the exposed ground paddle with
vias and these two keep out areas around the bus bars in the
footprint. No PCB traces or vias can be used in either of the keep
out areas. The EVAL-ADIN1300FMCZ uses an array of 4 × 4 vias
on a 0.75 mm grid arrangement, as shown in Figure 45. The via
pad diameter dimension is 0.02 in. (0.5015 mm) and the finished
drill hole diameter is 0.01 in. (0.2489 mm).
Figure 45. Exposed Paddle Via Array on EVAL-ADIN1300FMCZ
COMPONENT PLACEMENT
Prioritization of the critical traces and components helps simplify
the routing exercise. Place and orient the critical traces and compo-
nents first to ensure an effective layout with minimal turns, vias,
and crossing traces. For an Ethernet PHY layout, the important
components are the crystal and load capacitors, the transformer
on the MDI lines, and all bypass capacitors local to the device.
Prioritize these components and the routing to them. Keep the PHY
chip at least 1 in. away from the edge of the board. The following
sections provide more detail for each of the areas.
Crystal Placement and Routing
To ensure minimum current consumption and to minimize stray
capacitances, make connections between the crystal, capacitors,
and ground as close to the ADIN1300 as possible. For optimal
performance, the crystal and capacitors must be on the same side
of the board as the ADIN1300, with a solid ground plane under the
crystal and capacitors.
Magnetics Placement
Orient the magnetics and RJ45 in line with the MDI_x_x pins from
the PHY chip.
MDI, DIFFERENTIAL PAIR ROUTING
The MDI interface runs from the ADIN1300 PHY to the transformer,
and from there to the RJ45 connector. Traces running from the
MDI_x_x pins of the ADIN1300 to the magnetics must be on the
same side of the board, kept as short as possible (ideally less
than 1 in. in length), and individual trace impedance of these tracks
kept below 50 Ω, with differential impedance of 100 Ω for each
pair. The same recommendations apply for traces running from
the magnetics to the RJ45 connector. Keep impedances constant
throughout because any discontinuities may affect signal integrity.
Each pair must be routed together, trace widths kept the same
throughout, trace lengths kept equal where possible, and avoid any
right angles on these traces (use curves in traces or 45° angles).
Avoid stubs on all signal traces. Where possible, route traces on
the same layer.
Route traces over a continuous reference plane with no interrup-
tions to reduce inductance.
Where possible, ensure a solid return path underneath all signal
traces. Avoid routing signal traces across plane splits.
Figure 46. Things to Avoid when Routing Differential Pairs
MAC INTERFACE PINS
All signals within the transmit group must be length matched and
similarly for all signals within the receive group. Where possible,
route these interface pins on the same side as the component
pins. Keep trace lengths as short as possible. Route traces with an
impedance of 50 Ω to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com