Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
Data Sheet
ADIN1300
THEORY OF OPERATION
analog.com
Rev. B | 26 of 96
POWER-DOWN MODES
The ADIN1300 supports a number of power-down modes: hard-
ware, software, and energy detect power-down, and EEE LPI
mode. The lowest power mode is hardware power-down.
Hardware Power-Down Mode
Hardware power-down mode is useful when operation of the
ADIN1300 is not required and power must be minimized. The
ADIN1300 enters hardware power-down mode when the RESET_N
pin is asserted and held low. In this mode, all analog and digital
circuits are disabled, the CMU is disabled, the clocks are gated
off, and the only power is the leakage power of the circuits. The
management interface registers are not accessible in this mode.
The following events occur in hardware power-down mode:
►
All analog and digital circuits are disabled.
►
The MAC interface output pins (output pins with respect to the
ADIN1300) are tristated. Internally, these pins have a weak
pull-down resistor, so these outputs are pulled low. This assumes
no external pull-up resistors connected to these pins.
►
All internal clocks are gated off.
►
The PHY output clock (available on the GP_CLK pin) is disabled.
►
The output reference clock (available on the CLK25_REF pin) is
disabled.
►
The management interface registers are not accessible.
Software Power-Down Mode
In software power-down mode, the ADIN1300 is powered down, the
management interface can be accessed, and the ADIN1300 can be
configured. The ADIN1300 does not attempt to bring up links until
enabled.
Software power-down mode is useful when the device is being
configured by software before links are brought up. The ADIN1300
can be configured to enter software power-down mode after reset
using the appropriate pull-up/pull-down resistors on the LINK_ST
pin and LED_0 pin, which sets the default value of the SFT_PD
bit, Address 0x0000, to 1. The ADIN1300 also enters software
power-down mode when the SFT_PD bit is set to 1. In software
power-down mode, the analog and digital circuits are in a low
power state. Typically, the CMU is disabled, most clocks are gated
off, and the clock for the remaining digital circuitry runs at 25 MHz.
Any signal or energy on the MDI pins (MDI_x_x) is ignored and
no links are brought up. The management interface registers are
accessible and the device can be configured using software. If the
ADIN1300 is configured to output a 125 MHz clock on the GP_CLK
pin, the CMU is enabled and the power in this mode is higher.
The following events occur in software power-down mode:
►
All analog transmit and receive circuits are disabled.
►
The MAC interface output pins (output pins with respect to the
ADIN1300) are driven to a known idle state. All outputs except
RXC/RX_CLK are driven low and RXC/RX_CLK is driven high.
►
Most internal clocks are gated off.
►
The output reference clock (if enabled) is available on the
CLK25_REF pin.
►
The selected PHY output clock (if enabled) is available on the
GP_CLK pin.
►
The management interface registers are accessible.
The ADIN1300 exits software power-down mode when the SFT_PD
bit is cleared. At this point, the PHY attempts to bring up links
according to its configuration. For example, if autonegotiation is
enabled and all speeds are enabled, it advertises all speeds and
starts to send autonegotiation link pulses.
Energy Detect Power-Down Mode
In energy detect power-down mode, the ADIN1300 is powered
down but still monitors the line for signal energy. Typically, the
ADIN1300 enters this mode when there is no cable plugged in and
remains in this mode until a remote link partner is available.
Energy detect power-down mode can be enabled using the appro-
priate pull-up/pull-down resistors on the LINK_ST pin and LED_0
pin (see Table 25) orvia software. When the PHY is in normal op-
eration (not software power-down) and energy detect power-down
mode is enabled, the PHY enters energy detect power-down mode
after a number of seconds of silence on the line. This is a very
low power mode in which the analog and digital circuits are in a
low power state. Typically, the CMU is disabled and most clocks
are gated off. If the ADIN1300 is configured to output a 125 MHz
clock on the GP_CLK pin, the CMU is enabled and the power in this
mode is higher. The PHY monitors the line for signal energy and
sends a link pulse once every second. If signal energy is detected,
the PHY exits energy detect power-down mode and starts sending
link pulses.
The following events occur when in energy detect power-down
mode:
►
All analog and digital circuits are disabled.
►
Most internal clocks are gated off.
►
The output reference clock (if enabled) is available on the
CLK25_REF pin.
►
The selected PHY output clock (if enabled) is available on the
GP_CLK pin.
►
The management interface registers are accessible.
►
The PHY monitors the line for signal energy.
Typically, the PHY enters energy detect power-down mode when
the cable is unplugged and exits this mode when a cable is plugged
in and a remote link partner appears. In this mode, the PHY
periodically wakes up and transmits a link pulse on the MDI_0 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com