Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 70 of 96
This register is an indication of signal quality and is a measure of the mean square error on Dimension D.
Table 68. Bit Descriptions for MSE_D
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
[7:0]
MSE_D
This register is an indication of signal quality when a 1000BASE-T link is up and is a measure of the mean square error
on Dimension D.
0x0
R
Enhanced Link Detection Enable Register
Address: 0x8E27, Reset: 0x003D, Name: FLD_EN
This register controls the enables for the enhanced link detection function. This is early detection and indication of link loss.
Table 69. Bit Descriptions for FLD_EN
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x0
R
7
FLD_PCS_ERR_B_100_EN
Enhanced link detection PCS receive error detection enable for 100BASE-TX.
0x0
R/W
6
FLD_PCS_ERR_B_1000_EN
Enhanced link detection PCS receive error detection enable for 1000BASE-T.
0x0
R/W
5
FLD_SLCR_OUT_STUCK_B_100_EN
Enhanced link detection PMA slicer output stuck at detection enable for 100BASE-TX.
0x1
R/W
4
FLD_SLCR_OUT_STUCK_B_1000_EN
Enhanced link detection PMA slicer output stuck at detection enable for 1000BASE-T.
0x1
R/W
3
FLD_SLCR_IN_ZDET_B_100_EN
Enhanced link detection PMA slicer input zero detection enable for 100BASE-TX.
0x1
R/W
2
FLD_SLCR_IN_ZDET_B_1000_EN
Enhanced link detection PMA slicer input zero detection enable for 1000BASE-T.
0x1
R/W
1
FLD_SLCR_IN_INVLD_B_100_EN
Enhanced link detection PMA slicer input invalid level detection enable for 100BASE-TX.
Enabled when set high.
0x0
R/W
0
FLD_SLCR_IN_INVLD_B_1000_EN
Enhanced link detection PMA slicer input invalid level detection enable for 1000BASE-T.
Enabled when set high.
0x1
R/W
Enhanced Link Detection Latched Status Register
Address: 0x8E38, Reset: 0x0000, Name: FLD_STAT_LAT
This register is the latched status for the enhanced link detection function. This bit is latched until the start of the next link-up, when it is cleared.
Table 70. Bit Descriptions for FLD_STAT_LAT
Bits
Bit Name
Description
Reset
Access
[15:14]
RESERVED
Reserved.
0x0
R
13
FAST_LINK_DOWN_LAT
Main Enhanced Link Detection Latched Indication.
0x0
R
[12:0]
RESERVED
Reserved.
0x0
R
Receive MII Clock Stop Enable Register
Address: 0x9400, Reset: 0x0400, Name: RX_MII_CLK_STOP_EN
This register contains the clock stop enable bit specified in Clause 45.2.3.1.4 of IEEE Standard 802.3, which, in the IEEE standard, is at MMD
Register Address 3.0, Bit 10.
Table 71. Bit Descriptions for RX_MII_CLK_STOP_EN
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com