Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 64 of 96
Table 56. Bit Descriptions for PHY_STATUS_1 (Continued)
Bits
Bit Name
Description
Reset
Access
100: speed resolved to 1000BASE-T half duplex.
011: speed resolved to 100BASE-TX full duplex.
010: speed resolved to 100BASE-TX half duplex.
001: speed resolved to 10BASE-T full duplex.
000: speed resolved to 10BASE-T half duplex.
6
LINK_STAT
A 1 indicates that a link is up.
0x0
R
5
TX_EN_STAT
A 1 indicates that transmit enable (TX_EN) is asserted.
0x0
R
4
RX_DV_STAT
A 1 indicates that receive data valid (RX_DV) is asserted.
0x0
R
3
COL_STAT
A 1 indicates that collision is asserted.
0x0
R
2
AUTONEG_SUP
A 1 indicates that both the local and remote PHYs support autonegotiation.
0x0
R
1
LP_PAUSE_ADV
A 1 indicates that the link partner has advertised pause. The link partner pause advertisement bit indicates
that the link partner advertised support for pause operation on full duplex links. This bit provides the same
information as LP_PAUSE_ABLE.
0x0
R
0
LP_APAUSE_ADV
A 1 indicates that the link partner has advertised asymmetric pause. The link partner asymmetric pause
advertisement bit indicates that the link partner advertised support for asymmetric pause operation on full
duplex links. This bit provides the same information as LP_APAUSE_ABLE.
0x0
R
LED Control 1 Register
Address: 0x001B, Reset: 0x0001, Name: LED_CTRL_1
This register provides access to various PHY LED control register bits.
Table 57. Bit Descriptions for LED_CTRL_1
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R/W
10
LED_A_EXT_CFG_EN
Enable Extended Configuration Set for LED_0 Pin. Also see LED_CTRL_2 register, Address 0x001C,
Bits[3:0].
0x0
R/W
1: enable extended configuration set for LED_0 pin.
0: disable extended configuration set for LED_0 pin.
[9:8]
RESERVED
Reserved.
0x0
R
[7:4]
LED_PAT_PAUSE_DUR
Internal LED Pattern Pause Duration for LED_0. After the blink pattern is driven out to the LED_0
pin, the last bit is held for a duration specified by the LED pattern pause duration register field. This
duration is the value of LED tick duration (for example, the time for each bit) multiplied by the value
of the LED pattern pause duration register field. Also see the LED_PAT register field (LED_CTRL_3
register, Address 0x001D, Bits[7:0]) and the LED_PAT_TICK_DUR register field (LED_CTRL_3
register, Address 0x001D, Bits[13:8]). The default blink is a 0.5 sec on and 0.5 sec off pattern.
0x0
R/W
[3:2]
LED_PUL_STR_DUR_SEL
This bit field selects the duration of the pulse stretching.
0x0
R/W
11: user-programmable. In this case, the duration of the pulse stretching is programmable by the
LED_PUL_STR_DUR register (Address 0xBC00, Bits[5:0]).
10: 102 ms.
01: 64 ms.
00: 32 ms.
1
LED_OE_N
LED Active Low Output Enable Register Bit.
0x0
R/W
1: disable LED outputs.
0: enable LED outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com