Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 79 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 79 of 96
Table 100. Bit Descriptions for SOP_TX_DEL
Bits
Bit Name
Description
Reset
Access
[15:13]
RESERVED
Reserved.
0x0
R
[12:8]
SOP_TX_10_DEL_N_8_NS
This bit field specifies the number of 8 ns periods to delay the transmitted frames SOP indication
for 10BASE-T links. To align the transmit SOP indication assertion close to the reference point set
on the MDI pins, set this register to 5'd20.
0x0
R/W
[7:4]
SOP_TX_100_DEL_N_8_NS
This bit field specifies the number of 8 ns periods to delay the transmitted frames SOP indication
for 100BASE-TX links. To align the transmit SOP indication assertion close to the reference point
set on the MDI pins, set this register to 4'd0.
0x0
R/W
[3:0]
SOP_TX_1000_DEL_N_8_NS
This bit field specifies the number of 8 ns periods to delay the transmitted frames SOP indication
for 1000BASE-T links. To align the transmit SOP indication assertion close to the reference
point set on the MDI pins (so that the timestamping point does not have to be adjusted at the
MAC/switch side), set this register to 4'd6.
0x0
R/W
Control of FIFO Depth for MII Modes Register
Address: 0x9602, Reset: 0x0001, Name: DPTH_MII_BYTE
FIFO depth in bytes in MII modes.
Table 101. Bit Descriptions for DPTH_MII_BYTE
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
DPTH_MII_BYTE
Applies to MII modes for 10 Mbps and 100 Mbps. When set, the FIFO depth is in bytes. When zero, the FIFO
depth is in nibbles. The default value of this bit is 1. Therefore, the FIFO prefill is set in bytes. In MII mode,
because the interface is nibble based, the internal prefill in the transmit FIFO is larger and, therefore, the latency
is longer.
0x1
R/W
LPI Wake Error Count Register
Address: 0xA000, Reset: 0x0000, Name: LPI_WAKE_ERR_CNT
This address corresponds to the EEE wake error counter register specified in Clause 45.2.3.10 of IEEE Standard 802.3, which in the IEEE
standard is at MMD Register Address 3.22.
Table 102. Bit Descriptions for LPI_WAKE_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
LPI_WAKE_ERR_CNT
This bit field counts wake time faults where the PHY fails to complete its normal wake sequence within the
time required. This field self clears upon reading.
0x0
R
Base 1000 Retrain Enable Register
Address: 0xA001, Reset: 0x0000, Name: B_1000_RTRN_EN
This register allows 1000BASE-T retrain to be enabled. When 1000BASE-T retrain is enabled and the receiver status becomes not okay, the
PHY retrains. During this time, the link remains up but it is not possible to transmit or receive data. When 1000BASE-T retrain is disabled and
the receiver status becomes not okay, the PHY drops the link.
Table 103. Bit Descriptions for B_1000_RTRN_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
B_1000_RTRN_EN
When set, this bit enables 1000BASE-T retrain.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com