Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 82 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 82 of 96
Table 109. Bit Descriptions for CDIAG_XPAIR_DIS (Continued)
Bits
Bit Name
Description
Reset
Access
0
CDIAG_XPAIR_DIS
When set, this bit disables cross pair fault checking.
0x0
R/W
1: disable cross pair fault checking.
0: enable cross pair fault checking.
Cable Diagnostics Results 0 Register
Address: 0xBA1D, Reset: 0x0000, Name: CDIAG_DTLD_RSLTS_0
This register provides cable diagnostics results for Pair 0.
Table 110. Bit Descriptions for CDIAG_DTLD_RSLTS_0
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
10
CDIAG_RSLT_0_BSY
When set, this bit indicates that Pair 0 is busy. This bit indicates that there was unknown activity on
Pair 0 during cable diagnostics.
0x0
R
9
CDIAG_RSLT_0_XSIM_3
When set, this bit indicates that there is a significant impedance cross pair short between Pair 0 and
Pair 3.
0x0
R
8
CDIAG_RSLT_0_XSIM_2
When set, this bit indicates that there is a significant impedance cross pair short between Pair 0 and
Pair 2.
0x0
R
7
CDIAG_RSLT_0_XSIM_1
When set, this bit indicates that there is a significant impedance cross pair short between Pair 0 and
Pair 1.
0x0
R
6
CDIAG_RSLT_0_SIM
When set, this bit indicates that there is a significant impedance mismatch on Pair 0.
0x0
R
5
CDIAG_RSLT_0_XSHRT_3
When set, this bit indicates that there is a cross pair short between Pair 0 and Pair 3.
0x0
R
4
CDIAG_RSLT_0_XSHRT_2
When set, this bit indicates that there is a cross pair short between Pair 0 and Pair 2.
0x0
R
3
CDIAG_RSLT_0_XSHRT_1
When set, this bit indicates that there is a cross pair short between Pair 0 and Pair 1.
0x0
R
2
CDIAG_RSLT_0_SHRT
When set, this bit indicates that there is a short on Pair 0.
0x0
R
1
CDIAG_RSLT_0_OPN
When set, this bit indicates that there is an open on Pair 0.
0x0
R
0
CDIAG_RSLT_0_GD
When set, this bit indicates that Pair 0 is well terminated.
0x0
R
Cable Diagnostics Results 1 Register
Address: 0xBA1E, Reset: 0x0000, Name: CDIAG_DTLD_RSLTS_1
This register provides cable diagnostics results for Pair 1.
Table 111. Bit Descriptions for CDIAG_DTLD_RSLTS_1
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
10
CDIAG_RSLT_1_BSY
When set, this bit indicates Pair 1 is busy. This bit indicates that there was unknown activity on Pair 1
during cable diagnostics.
0x0
R
9
CDIAG_RSLT_1_XSIM_3
When set, this bit indicates that there is a significant impedance cross pair short between Pair 1 and
Pair 3.
0x0
R
8
CDIAG_RSLT_1_XSIM_2
When set, this bit indicates that there is a significant impedance cross pair short between Pair 1 and
Pair 2.
0x0
R
7
CDIAG_RSLT_1_XSIM_0
When set, this bit indicates that there is a significant impedance cross pair short between Pair 1 and
Pair 0.
0x0
R
6
CDIAG_RSLT_1_SIM
When set, this bit indicates that there is a significant impedance mismatch on Pair 1.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com