Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 51 of 96
Table 34. Bit Descriptions for MII_STATUS
Bits
Bit Name
Description
Reset
Access
15
T_4_SPRT
The 100BASE-T4 ability bit always reads as 1'b0 because the PHY does not support 100BASE-T4.
0x0
R
14
FD_100_SPRT
The 100BASE-TX full duplex ability bit always reads as 1'b1 because the PHY supports 100BASE-TX full
duplex.
0x1
R
13
HD_100_SPRT
The 100BASE-TX half duplex ability bit always reads as 1'b1 because the PHY supports 100BASE-TX half
duplex.
0x1
R
12
FD_10_SPRT
The 10BASE-T full duplex ability bit always reads as 1'b1 because the PHY supports 10BASE-T full
duplex.
0x1
R
11
HD_10_SPRT
The 10BASE-T half duplex ability bit always reads as 1'b1 because the PHY supports 10BASE-T half
duplex.
0x1
R
10
FD_T_2_SPRT
The 100BASE-T2 full duplex ability bit always reads as 1'b0 because the PHY does not support
100BASE-T2.
0x0
R
9
HD_T_2_SPRT
The 100BASE-T2 half duplex ability bit always reads as 1'b0 because the PHY does not support
100BASE-T2.
0x0
R
8
EXT_STAT_SPRT
The extended status support bit always reads as 1'b1, indicating that the PHY provides extended status
information in Register 0x000F.
0x1
R
7
UNIDIR_ABLE
When zero, the unidirectional ability register bit indicates that the PHY can only transmit data from the
media independent interface when it has determined that a valid link has been established. This bit always
reads as 1'b0.
0x0
R
6
MF_PREAM_SUP_ABLE
Management Frame Preamble Suppression Ability Bit. This always reads as 1'b1 because the PHY
accepts management frames with preamble suppressed.
0x1
R
5
AUTONEG_DONE
Autonegotiation Complete Bit.
0x0
R
1: autonegotiation process completed.
0: autonegotiation process not completed.
4
REM_FLT_LAT
Remote Fault Bit. When this bit goes high, it latches high until it is unlatched by reading.
0x0
R LH
1: remote fault condition detected.
0: no remote fault condition detected.
3
AUTONEG_ABLE
Autonegotiation Ability Bit. This bit always reads as 1'b1.
0x1
R
1: PHY is able to perform autonegotiation.
0: PHY is not able to perform autonegotiation.
2
LINK_STAT_LAT
Link Status Bit. If the link subsequently drops, this bit latches low until it is unlatched by reading.
0x0
R LL
1: link is up.
0: link is down.
1
JABBER_DET_LAT
Jabber Detect Bit. When this bit goes high, it latches high until it is unlatched by reading.
0x0
R LH
1: jabber condition detected.
0: no jabber condition detected.
0
EXT_CAPABLE
The extended capability bit always reads as 1'b1 because the PHY provides an extended set of capabili-
ties.
0x1
R
PHY Identifier 1 Register
Address: 0x0002, Reset: 0x0283, Name: PHY_ID_1
This address corresponds to the MII status register specified in Clause 22.2.4.3.1 of IEEE Standard 802.3 and allows 16 bits of the
organizationally unique identifier (OUI) to be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com