Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 60 of 96
Table 50. Bit Descriptions for PHY_CTRL_STATUS_2 (Continued)
Bits
Bit Name
Description
Reset
Access
power-down mode. Note that the default value of this register bit is configurable via the hardware configuration
pins. This allows the default operation of the PHY to be configured in unmanaged applications.
1: enable periodic transmission of the pulse while in energy detect power-down mode.
0: disable periodic transmission of the pulse while in energy detect power-down mode.
1
PHY_IN_NRG_PD
This status bit indicates that the PHY is in energy detect power-down mode.
0x0
R
1: PHY is in energy detect power-down mode.
0: PHY is not in energy detect power-down mode.
0
RESERVED
Reserved.
0x0
R/W
PHY Control 2 Register
Address: 0x0016, Reset: 0x0308, Name: PHY_CTRL_2
This register provides access to various PHY control registers, for control of clocking, group MDIO access, and autonegotiation.
Table 51. Bit Descriptions for PHY_CTRL_2
Bits
Bit Name
Description
Reset
Access
15
HD_TX_CRS_EN
When set, this register indicates that the PHY must assert CRS on transmit in half duplex mode.
0x0
R/W
[14:12]
RESERVED
Reserved.
0x0
R/W
11
DN_SPEED_TO_100_EN
Setting this bit enables downspeed to 100BASE-TX. Note that autonegotiation must also be enabled.
If the PHY is unable to bring a link up at 1000BASE-T, it automatically drops down to 100BASE-TX
(assuming this speed has been advertised). Note that the default value of this register bit is configura-
ble via the hardware configuration pins performing the PHY_CFG1 and PHY_CFG0 functions, which
allows the default operation of the PHY to be configured in unmanaged applications.
0x0
R/W
1: enable downspeed to 100BASE-TX.
0: disable downspeed to 100BASE-TX.
10
DN_SPEED_TO_10_EN
Setting this bit enables downspeed to 10BASE-T. Note that autonegotiation must also be enabled.
If the PHY is unable to bring a link up at a high speed, it automatically drops down to 10BASE-T
(assuming this speed has been advertised) if necessary.
0x0
R/W
1: enable downspeed to 10BASE-T.
0: disable downspeed to 10BASE-T.
[9:7]
RESERVED
Reserved.
0x6
R/W
6
GROUP_MDIO_EN
The group MDIO enable register bit may be used to place the PHY in group MDIO mode. In this mode,
the PHY responds to any write or address operation to PHY address 5'd31 as if it was an access to its
own PHY address. It is recommended that this bit be set only when performing specific sequences and
then be cleared again.
0x0
R/W
[5:4]
RESERVED
Reserved.
0x0
R/W
[3:1]
CLK_CNTRL
The clock control bit allows the desired speed of the TX_CLK and RX_CLK signals to be specified
when the link is down and allows the desired speed of the TX_CLK signal to be specified when a
1000BASE-T link is active. In each case the choices of speed are off, 2.5 MHz and 25 MHz. The
default value of 3b100 specifies 2.5 MHz in all cases.
Provided to allow users to control the TX_CLK and RX_CLK speed, but to always provide a clock
to the MAC, using lower speed clock can have benefit of lower power operation. For majority of
application use cases, the default setting is the appropriate setting to use. Some MACs require a
TX_CLK clock when the link is down, others can support no TX_CLK when there is no link or a Gigabit
link is established and can use this control bit to reduce power consumption.
0x4
R/W
0
RESERVED
RESERVED.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com