Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
Data Sheet
ADIN1300
TYPICAL POWER CONSUMPTION
analog.com
Rev. B | 40 of 96
Table 29. Typical Current and Power Consumption for VDDIO = 2.5 V (TA = 25℃, cable length = 100 meters) (Continued)
Mode
DVDD_0P9 Core Supply, 0.9 V
(mA)
VDDIO Digital I/O Supply, 2.5 V
(mA)
AVDD_3P3 PHY AFE, LED Circuit, 3.3 V
(mA)
Total Power (mW)
Hardware Power-Down
3
0
1
7
Table 30. Typical Current and Power Consumption for VDDIO = 3.3 V (TA = 25
℃, cable length = 100 meters)
Mode
DVDD_0P9 Core Supply, 0.9 V
(mA)
VDDIO Digital I/O Supply, 3.3 V
(mA)
AVDD_3P3 PHY AFE, LED Circuit, 3.3 V
(mA)
Total Power (mW)
Gb, 100% Data
38
48
70.5
425
Gb, Idle
38
32
70.5
372
100 Mbps, 100% Data
12
11
35
159
100 Mbps, Idle
11
10
35
155
10 Mbps, 100% Data
7
9
42
173
10 Mbps, Idle
6
7
30
129
Software Power-Down
4
1
14
53
Cable Unplug
3
1
6
26
Hardware Power-Down
3
0
1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com