Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 48 of 96
Table 32. MDIOMAP_GEPHY Register Summary (Continued)
Address
Name
Description
Reset
Access
0x0015
PHY_CTRL_STATUS_2
PHY Control Status 2 Register.
0x0000
R/W
0x0016
PHY_CTRL_2
PHY Control 2 Register.
0x0308
R/W
0x0017
PHY_CTRL_3
PHY Control 3 Register.
0x3048
R/W
0x0018
IRQ_MASK
Interrupt Mask Register.
0x0000
R/W
0x0019
IRQ_STATUS
Interrupt Status Register.
0x0000
R
0x001A
PHY_STATUS_1
PHY Status 1 Register.
0x0300
R
0x001B
LED_CTRL_1
LED Control 1 Register.
0x0001
R/W
0x001C
LED_CTRL_2
LED Control 2 Register.
0x210A
R/W
0x001D
LED_CTRL_3
LED Control 3 Register.
0x1855
R/W
0x001F
PHY_STATUS_2
PHY Status 2 Register.
0x03FC
R
0x8000
EEE_CAPABILITY
Energy Efficient Ethernet Capability Register.
0x0006
R
0x8001
EEE_ADV
Energy Efficient Ethernet Advertisement Register.
0x0000
R/W
0x8002
EEE_LP_ABILITY
Energy Efficient Ethernet Link Partner Ability Register.
0x0000
R
0x8008
EEE_RSLVD
Energy Efficient Ethernet Resolved Register.
0x0000
R
0x8402
MSE_A
Mean Square Error A Register.
0x0000
R
0x8403
MSE_B
Mean Square Error B Register.
0x0000
R
0x8404
MSE_C
Mean Square Error C Register.
0x0000
R
0x8405
MSE_D
Mean Square Error D Register.
0x0000
R
0x8E27
FLD_EN
Enhanced Link Detection Enable Register.
0x003D
R/W
0x8E38
FLD_STAT_LAT
Enhanced Link Detection Latched Status Register.
0x0000
R
0x9400
RX_MII_CLK_STOP_EN
Receive MII Clock Stop Enable Register.
0x0400
R/W
0x9401
PCS_STATUS_1
Physical Coding Sublayer (PCS) Status 1 Register.
0x0040
R
0x9403
FC_EN
Frame Checker Enable Register.
0x0001
R/W
0x9406
FC_IRQ_EN
Frame Checker Interrupt Enable Register.
0x0001
R/W
0x9407
FC_TX_SEL
Frame Checker Transmit Select Register.
0x0000
R/W
0x9408
FC_MAX_FRM_SIZE
Frame Checker Max Frame Size Register.
0x05F2
R/W
0x940A
FC_FRM_CNT_H
Frame Checker Count High Register.
0x0000
R
0x940B
FC_FRM_CNT_L
Frame Checker Count Low Register.
0x0000
R
0x940C
FC_LEN_ERR_CNT
Frame Checker Length Error Count Register.
0x0000
R
0x940D
FC_ALGN_ERR_CNT
Frame Checker Alignment Error Count Register.
0x0000
R
0x940E
FC_SYMB_ERR_CNT
Frame Checker Symbol Error Counter Register.
0x0000
R
0x940F
FC_OSZ_CNT
Frame Checker Oversized Frame Count Register.
0x0000
R
0x9410
FC_USZ_CNT
Frame Checker Undersized Frame Count Register.
0x0000
R
0x9411
FC_ODD_CNT
Frame Checker Odd Nibble Frame Count Register.
0x0000
R
0x9412
FC_ODD_PRE_CNT
Frame Checker Odd Preamble Packet Count Register.
0x0000
R
0x9413
FC_DRIBBLE_BITS_CNT
Frame Checker Dribble Bits Frame Count Register.
0x0000
R
0x9414
FC_FALSE_CARRIER_CNT
Frame Checker False Carrier Count Register.
0x0000
R
0x9415
FG_EN
Frame Generator Enable Register.
0x0000
R/W
0x9416
FG_CNTRL_RSTRT
Frame Generator Control and Restart Register.
0x0001
R/W
0x9417
FG_CONT_MODE_EN
Frame Generator Continuous Mode Enable Register.
0x0000
R/W
0x9418
FG_IRQ_EN
Frame Generator Interrupt Enable Register.
0x0000
R/W
0x941A
FG_FRM_LEN
Frame Generator Frame Length Register.
0x006B
R/W
0x941B
FG_IFG_LEN
Frame Generator Interframe Gap Length Register
0x00C
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com