Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
Data Sheet
ADIN1300
APPLICATIONS INFORMATION
analog.com
Rev. B | 44 of 96
Figure 36. RGMII Timing Example for 100 Mbps Data Rate, with Internal Delay Enabled
Figure 37. RGMII Timing Example for 1000 Mbps Data Rate, with Internal Delay Enabled
COMPONENT RECOMMENDATIONS
Crystal
The typical connection for an external crystal (XTAL) is shown
in Figure 38. To ensure minimum current consumption and to min-
imize stray capacitances, make connections between the crystal,
capacitors, and ground as close to the ADIN1300 as possible. Con-
sult individual crystal vendors for recommended load information
and crystal performance specifications.
Figure 38. Crystal Oscillator Connection
External Clock Input
If using a single-ended reference clock on XTAL_I/CLK_IN/
REF_CLK, leave XTAL_O open-circuit. The clock can be a unipolar
1.8 V/ 2.5 V/3.3 V, 25 MHz sine wave, or square wave signal.
When using the RMII MAC interface, a single, 50 MHz reference
clock (REF_CLK) is required, which can be sourced from the MAC
or from an external source. If the external clock input is supplied
before the AVDD_3P3 rail, reverse current protection circuitry may
be required to prevent leakage through the internal protection
circuitry onto the AVDD3P3.
Figure 39. External Clock Connection
Magnetics
Galvanic isolation is necessary between any two point-to-point
communication nodes in applications using the Ethernet protocol
to transmit/receive data to protect against faults and transients,
and achieve the best electromagnetic compatibility performance.
Magnetic coupling between the PHY and the RJ45 is the most
common way of achieving this isolation.
The magnetics can be discrete or integrated and there are
strengths and weaknesses to both. Choosing the discrete option
typically occupies more board space, but gives more freedom in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com