Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
Data Sheet
ADIN1300
SPECIFICATIONS
analog.com
Rev. B | 6 of 96
AVDD_3P3 = 3.3 V, VDDIO = 1.8 V, DVDD_0P9 = 0.9 V, all specifications at −40°C to +105°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
Supply Voltages
AVDD_3P3
3.135
3.3
3.465
V
DVDD_0P9
0.855
0.9
0.945
V
VDDIO
3.135
3.3
3.465
V
2.25
2.5
2.75
V
1.71
1.8
1.89
V
POWER CONSUMPTION1
100% data throughput, full activity
Supply Current RGMII 1000BASE-T
AVDD_3P3 Current (IAVDD_3P3)
70.5
mA
DVDD_0P9 Current (IDVDD_0P9)
38
mA
VDDIO Current (IVDDIO)
48
mA
VDDIO = 3.3 V
41
mA
VDDIO = 2.5 V
35
mA
VDDIO = 1.8 V
Supply Current 100BASE-TX
RGMII, RMII, MII interfaces
IAVDD_3P3
35
mA
IDVDD_0P9
12
mA
IVDDIO
11
mA
VDDIO = 3.3 V
10
mA
VDDIO = 2.5 V
9
mA
VDDIO = 1.8 V
Power
100% data throughput, full activity
1000BASE-T, RGMII
425
mW
VDDIO = 3.3 V
370
mW
VDDIO = 2.5 V
330
mW
VDDIO = 1.8 V
100BASE-TX
159
mW
VDDIO = 3.3 V
148
mW
VDDIO = 2.5 V
140
mW
VDDIO = 1.8 V
TIMING/LATENCY2
1000BASE-T RGMII
Transmit
60
64
68
ns
Receive
226
ns
Total
286
290
294
ns
100BASE-TX MII
Transmit
52
ns
Receive
248
ns
Total
300
ns
100BASE-TX RGMII3
Transmit
84
88
92
ns
Receive
250
ns
Total
334
338
342
ns
100BASE-TX RGMII4
Transmit
84
104
124
ns
Receive
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com