Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
Data Sheet
ADIN1300
THEORY OF OPERATION
analog.com
Rev. B | 25 of 96
►
The selected PHY output clock (if enabled) is available on the
GP_CLK pin during this reset.
PHY Core Software Reset
The PHY core registers can be reset by setting the SFT_RST bit
in the MII_CONTROL register, Address 0x0000 to 1. This bit is self
clearing. Setting this bit resets the PHY core registers, the MAC
interface block, and the PHY core. The hardware configuration
pins are not reread, and previously latched values of the hardware
configuration pins are used to set the default values of the pin
dependent registers in the PHY core registers. The subsystem
registers are not reset to default values. This is a useful way to
reset the PHY core registers to a known configuration defined by
software without resetting the rest of the ADIN1300 circuitry.
The following events occur after a PHY core software reset:
►
The crystal oscillator circuit is not disabled during this type of
reset.
►
The hardware configuration pins are not reread. The pin depend-
ent registers in PHY core registers are reset to the default
values defined by the previously latched values of the hardware
configuration pins. The subsystem registers are not reset to their
default values.
►
The MAC interface block is not reset.
►
The PHY core is reset.
►
If a 125 MHz clock is selected as the PHY output clock, the
GP_CLK pin, the PHY core CMU is not reset. Otherwise, the
CMU is reset.
►
The reference clock (if enabled) is available on the CLK25_REF
pin during this reset.
►
The selected PHY output clock (if enabled) is available on the
GP_CLK pin during this reset.
Table 20. ADIN1300 Reset Options Summary
Reset Type
Hardware Pin
Configuration Values
Latched Following
Reset
Subsystem
Registers
Reset
PHY Core
Registers
Reset
MAC
Interface
Block Reset
XTAL Oscillator
Disabled
During Reset
CLK25_REF (if
Enabled)
Available During
Reset
GP_CLK Output
(if Enabled)
Available
During Reset
1
Hardware Reset
Yes
Yes
Yes
Yes
Yes
No
No
2
Subsystem Software Reset
with Pin Configuration
Yes
Yes
Yes
Yes
No
No
No
3
Subsystem Software Reset No
Yes
Yes
Yes
No
Yes
Yes
5
PHY Core Software Reset
No
No
Yes
No
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com