Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 58 of 96
Table 45. Bit Descriptions for EXT_REG_PTR (Continued)
Bits
Bit Name
Description
Reset
Access
Write the 16-bit register address into the EXT_REG_PTR register. The EMI register can be read or written by
reading or writing the EXT_REG_DATA register. An EMI register can be directly accessed using Clause 45 access.
Extended Register Data Register
Address: 0x0011, Reset: 0x0000, Name: EXT_REG_DATA
The extended register pointer and extended register data registers provide a mechanism to access the indirect access address map via directly
accessible registers for cases where the station management does not support Clause 45.
Table 46. Bit Descriptions for EXT_REG_DATA
Bits
Bit Name
Description
Reset
Access
[15:0]
EXT_REG_DATA
The extended register pointer and extended register data registers provide an indirect mechanism to access EMI
registers using normal Clause 22 access for cases where the station management does not support Clause 45.
See Table 45 for further details.
0x0
R/W
PHY Control 1 Register
Address: 0x0012, Reset: 0x0002, Name: PHY_CTRL_1
This register provides access to various PHY control register bits, in particular for diagnostic clocking control and MDI crossover.
Table 47. Bit Descriptions for PHY_CTRL_1
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
10
AUTO_MDI_EN
The automatic MDI/MDIX resolution enable register bit allows the automatic cable crossover feature of the PHY
to be controlled. Note that the default value of this register bit is configurable via a hardware configuration pin,
which allows the default operation of the PHY to be configured in unmanaged applications.
0x0
R/W
1: enable auto MDI/MDIX. Prefer MDI if MAN_MDIX is 1'b0 and prefer MDIX if MAN_MDIX is 1'b1.
0: disable auto MDI/MDIX.
9
MAN_MDIX
When this bit is set and the AUTO_MDI_EN bit is clear, the PHY operates in the MDIX configuration. In this
configuration, no crossover is implemented and the logical pairs of the PCS correspond to the physical pairs of
the AFE. When this bit is clear and the AUTO_MDI_EN bit is clear, the PHY operates in the MDI configuration
and crossovers the pairs. If the AUTO_MDI_EN bit is set, the MAN_MDIX bit determines the MDI or MDIX
preference option.
0x0
R/W
1: operate in MDIX configuration.
0: operate in MDI configuration.
[8:3]
RESERVED
Reserved.
0x0
R
2
DIAG_CLK_EN
Enable PHY Diagnostics Clock. This clock is required for certain diagnostic functions within the PHY, for example,
the frame generator/checker.
0x0
R/W
1: enable PHY diagnostics clock.
0: disable PHY diagnostics clock.
[1:0]
RESERVED
Reserved.
0x2
R/W
PHY Control Status 1 Register
Address: 0x0013, Reset: 0x1041, Name: PHY_CTRL_STATUS_1
This register provides access to PHY loopback control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com