Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 92 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 95Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 96Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 92 of 96
Subsystem GP_CLK Pin Override Control Register
Address: 0xFF3D, Reset: 0x0000, Name: GE_IO_GP_CLK_OR_CNTRL
This register allows the default function of the GP_CLK pin to be overridden.
Table 135. Bit Descriptions for GE_IO_GP_CLK_OR_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R
[2:0]
GE_IO_GP_CLK_OR_CNTRL
This bit field allows the default function of the GP_CLK pin to be overridden.
0x0
R/W
111: PHY clock selected by the registers in the GE_CLK_CFG register.
110: RX_ER.
101: COL.
100: CRS.
011: receive start of packet indication.
010: transmit start of packet indication.
001: link status.
000: default function. The default function is RX_ER when the PHY is configured for MII or RMII
MAC interface. In all other cases, the default function is GP_CLK.
Subsystem LINK_ST Pin Override Control Register
Address: 0xFF3E, Reset: 0x0000, Name: GE_IO_GP_OUT_OR_CNTRL
This register allows the default function of the LINK_ST pin to be overridden.
Table 136. Bit Descriptions for GE_IO_GP_OUT_OR_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R
[2:0]
GE_IO_GP_OUT_OR_CNTRL
This bit field allows the default function of the LINK_ST pin to be overridden.
0x0
R/W
111: link status.
110: reserved.
101: COL.
100: CRS.
011: receive start of packet indication.
010: transmit start of packet indication.
001: link status.
000: default function, link status.
Subsystem INT_N Pin Override Control Register
Address: 0xFF3F, Reset: 0x0000, Name: GE_IO_INT_N_OR_CNTRL
This register allows the default function of the INT_N pin to be overridden.
Table 137. Bit Descriptions for GE_IO_INT_N_OR_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R
[2:0]
GE_IO_INT_N_OR_CNTRL
This bit field allows the default function of the INT_N pin to be overridden.
0x0
R/W
111: INT_N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com