Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 65 of 96
Table 57. Bit Descriptions for LED_CTRL_1 (Continued)
Bits
Bit Name
Description
Reset
Access
0
LED_PUL_STR_EN
Setting this bit enables pulse stretching for transmit, receive, or collision LED events so that very short
duration events are visible. The LED pulse stretching enable register indicates that the PHY must
stretch any pulses indicating transmit, receive, or collision. Without stretching, these pulses may be
too short to cause an LED to light.
0x1
R/W
LED Control 2 Register
Address: 0x001C, Reset: 0x210A, Name: LED_CTRL_2
This register provides access to various PHY LED control register bits.
Table 58. Bit Descriptions for LED_CTRL_2
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x210
R/W
[3:0]
LED_A_CFG
LED_0 configuration is made up of five bits. These four bits, Bits[3:0], are the LSBs and Bit 4 is from
LED_A_EXT_CFG_EN (LED_CTRL_1 register, Address 0x001B). The combination of the five bits configures LED_0,
selecting one of 32 possible configuration functions according to the following settings. The default setting is 01010 (on
if link up and blink on activity).
0xA
R/W
11111: on if 10BASE-T link, blink if 100BASE-TX link.
11110: on if 10BASE-T link, blink if 1000BASE-T link.
11101: on if 100BASE-TX link, blink if 10BASE-T link.
11100: on if 100BASE-TX link, blink if 1000BASE-T link.
11011: on if 1000BASE-T link, blink if 10BASE-T link.
11010: blink if transmit.
11001: blink on activity.
11000: on if 10BASE-T or 1000BASE-T link, blink on activity.
10111: on if 10BASE-T or 1000BASE-T link.
10110: on if 100BASE-TX or 1000BASE-T link, blink on activity.
10101: on if 10BASE-T or 100BASE-TX link, blink on activity.
10100: on if 1000BASE-T link, blink on activity.
10011: on if 100BASE-TX link, blink on activity.
10010: on if 10BASE-T link, blink on activity.
10001: on if 100BASE-TX or 1000BASE-T link.
10000: on if 10BASE-T or 100BASE-TX link.
01111: off.
01110: on.
01101: blink.
01100: on if full duplex link, blink on collision.
01011: on if link, blink if receiving.
01010: on if link, blink on activity (default).
01001: on if collision.
01000: on if full duplex link.
00111: on if activity (transmitting or receiving).
00110: on if receiving.
00101: on if transmitting.
00100: on if link up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com