Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 52 of 96
Table 35. Bit Descriptions for PHY_ID_1
Bits
Bit Name
Description
Reset
Access
[15:0]
PHY_ID_1
Organizationally Unique Identifier Bits[3:18].
0x283
R
PHY Identifier 2 Register
Address: 0x0003, Reset: 0xBC30, Name: PHY_ID_2
This address corresponds to the MII status register specified in Clause 22.2.4.3.1 of IEEE Standard 802.3 and allows 6 bits of the OUI along
with the model number and revision number to be observed.
Table 36. Bit Descriptions for PHY_ID_2
Bits
Bit Name
Description
Reset
Access
[15:10]
PHY_ID_2_OUI
Organizationally Unique Identifier Bits[19:24].
0x2F
R
[9:4]
MODEL_NUM
Manufacturer Model Number.
0x3
R
[3:0]
REV_NUM
Manufacturer Revision Number.
0x0
R
Autonegotiation Advertisement Register
Address: 0x0004, Reset: 0x01E1, Name: AUTONEG_ADV
This address corresponds to the autonegotiation advertisement register specified in Clause 28.2.4.1.3 of IEEE Standard 802.3. Note that the
default reset value of this register is dependent on the hardware configuration pins settings.
Table 37. Bit Descriptions for AUTONEG_ADV
Bits
Bit Name
Description
Reset
Access
15
NEXT_PAGE_ADV
Next page exchange occurs after the base link codewords have been exchanged. Next page exchange
consists of using the normal autonegotiation arbitration process to send next page messages. Next page
transmission ends when both ends of a link segment set their next page bits to Logic 0, indicating that
neither has anything additional to transmit.
0x0
R/W
14
RESERVED
Reserved.
0x0
R
13
REM_FLT_ADV
The remote fault bit provides a standard transport mechanism for the transmission of simple fault
information.
0x0
R/W
12
EXT_NEXT_PAGE_ADV
The extended next page bit indicates that the local device supports transmission of extended next pages.
The use of extended next page is orthogonal to the negotiated data rate, medium, or link technology.
0x0
R/W
11
APAUSE_ADV
The technology ability field is a 7-bit wide field (Bits[11:5] within this register) containing information
indicating supported technologies specific to the selector field value. This bit is to advertise asymmetric
pause operation for full duplex links.
0x0
R/W
10
PAUSE_ADV
The technology ability field is a 7-bit wide field (Bits[11:5] within this register) containing information
indicating supported technologies specific to the selector field value. This bit is to advertise pause operation
for full duplex links.
0x0
R/W
9
T_4_ADV
The technology ability field is a 7-bit wide field (Bits[11:5] within this register) containing information
indicating supported technologies specific to the selector field value. This bit is to advertise 100BASE-T4
and always reads as 1'b0 because this technology is not supported.
0x0
R
8
FD_100_ADV
The technology ability field is a 7-bit wide field (Bits[11:5] within this register) containing information
indicating supported technologies specific to the selector field value. This bit is to advertise 100BASE-TX
full duplex. Note that the default value of this register bit is configurable via the hardware configuration pins,
which allows the default operation of the PHY to be configured in unmanaged applications.
0x1
R/W
7
HD_100_ADV
The technology ability field is a 7-bit wide field (Bits[11:5] within this register) containing information
indicating supported technologies specific to the selector field value. This bit is to advertise 100BASE-TX
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com