Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
Data Sheet
ADIN1300
THEORY OF OPERATION
analog.com
Rev. B | 20 of 96
MAC INTERFACE
The ADIN1300 provides the option of RGMII, MII, or RMII MAC
interface. The MAC interface is selected using hardware configura-
tion pins (see Table 27) or via software.
RGMII Interface Mode
Figure 20. RGMII MAC-PHY Interface Signals
The RGMII interface is capable of supporting data rates of 1 Gbps,
100 Mbps, and 10 Mbps. For the receive interface, the ADIN1300
generates a 125 MHz, 25 MHz, or 2.5 MHz RXC signal to syn-
chronize the RXD_x pin receive data in 1000BASE-T, 100BASE-
TX, or 10BASE-Te modes, respectively. The RX_CTL is a combina-
tion of the RX_DV and RX_ER signals (as described in the MII
Interface Mode section) using both edges of the RXC signal. The
ADIN1300 transmits the RX_DV signal on the positive edge of RXC
and a combination (XOR function) of RX_DV and RX_ER on the
negative edge of RXC.
For the transmit interface, when operating in 1000BASE-T mode,
the MAC drives TXC with a 125 MHz clock signal. The MAC
transmits the TXD_x pin data, Bits[3:0] on the positive edge of
TXC, and TXD_x pin data, Bits[7:4] on the negative edge of TXC.
In 100BASE-TX and 10BASE-Te modes, TXC is at 25 MHz and
2.5 MHz, respectively, and the MAC transmits the TXD_x pin data,
Bits[3:0] on the rising edges of TXC (but in accordance with the
RGMII standard, the data may be duplicated on the falling edge of
the appropriate clock). TX_CTL is a combination of the TX_EN and
TX_ER signals using both edges of TXC. TX_EN is transmitted on
the positive edge of TXC, and TX_EN XOR TX_ER is transmitted
on the negative edge of TXC.
Due to the fact that data is transmitted on both edges of the clock,
an accurate delay requirement of 2 ns is required on both clock
edges (see Figure 21) to ensure that the delayed clock is at the
center of the data window, ensuring accurate data capture.
It is possible to enable this 2 ns delay on RXC only or on both
RXC and TXC using hardware pin configuration settings (see
Table 27). These delays can also be configured in software (see
GE_RGMII_CFG register). In Figure 21, the 8 ns period refers
to 1000BASE-T operation, which is 40 ns or 400 ns in the case
of 100BASE-TX and 10BASE-Te, respectively. The 2 ns delay is
valid for 10BASE-Te, 100BASE-TX, and 1000BASE-T. The RGMII
interface operates at 10 Mbps and 100 Mbps speeds exactly the
same way it does at Gigabit speed with the exception that the data
may be duplicated on the falling edge of the appropriate clock., (see
RGMII Interface Mode) shows similar timing for 100BASE-TX.
Figure 21. DLL Waveform (1000BASE-T)
Figure 22. DLL Waveform (100BASE-TX)
MII Interface Mode
Figure 23. MII MAC to PHY Interface Signals
The MII interface is capable of supporting data rates of 100 Mbps
and 10 Mbps. For the receive interface, the ADIN1300 generates a
25 MHz or 2.5 MHz RX_CLK signal to synchronize the RXD_x pin
receive data in 100BASE-TX or 10BASE-Te modes, respectively.
RX_DV indicates to the MAC that there is valid data present on
the RXD_x receive pin. RX_ER is driven high by the ADIN1300 if
an error is detected in the frame that was received from the MDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com