Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
Data Sheet
ADIN1300
THEORY OF OPERATION
analog.com
Rev. B | 28 of 96
LINK STATUS, LINK_ST
The LINK_ST pin is a general-purpose output used to indicate to
the MAC whether a valid link has been established. LINK_ST is
active high by default (this setting can be changed by software,
by writing to the GE_LNK_STAT_INV_EN register). For applications
requiring a second LED, the LINK_ST pin must be used. The
default drive current for this pin is 8 mA, and it can be increased by
writing to the GE_CLK_IO_CNTRL register bit field, GE_CLK_DRV,
if the application requires the LINK_ST pin to drive an LED directly.
LINK_ST is referenced to the VDDIO domain and is used for
hardware strapping (PHY_CFG1). A level shifter may be required
when VDDIO is running at a lower voltage.
PHY OUTPUT CLOCKS
The following internal PHY clock signals can be made available at
the GP_CLK pin:
►
125 MHz free running clock
►
125 MHz recovered clock
►
25 MHz clock
►
25 MHz or 125 MHz free running clock
►
25 MHz or 125 MHz recovered clock
This is configured in through register writes via the GE_CLK_CFG
register, Address 0xFF1F. By default, the PHY clock is off. Note that
selecting the 125 MHz free running clock has an impact on power
consumption, as the CMU is always powered up except during
reset and power up.
POWER SUPPLY DOMAINS
The ADIN1300 has the following three power supply domains and
requires a minimum of two supply sources, 0.9 V and 3.3 V:
►
DVDD_0P9 is the 0.9 V digital core power supply input.
►
AVDD_3P3 is the 3.3 V analog power supply input for the PHY
MDI interface, analog circuitry, XTAL oscillator, DLL, RESET_N,
CLK25_REF generation, and LED circuitry.
►
VDDIO enables the MDIO and MAC interface voltage supply
to be configured independently of the other circuitry on the
ADIN1300. In most cases, RMII/MII is operated at 3.3 V and
RGMII is operated at 2.5 V, but the MAC interface can operate at
3.3 V, 2.5 V, or 1.8 V to allow the MAC interface to run at a lower
voltage and power if the MAC supports this.
There are no power supply sequencing requirements around the
order of power being applied to the device. See the Power-Up
Timing section for more details.
Figure 27. PHY Output Clocks Simplified Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com