Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 62 of 96
Table 54. Bit Descriptions for IRQ_MASK (Continued)
Bits
Bit Name
Description
Reset
Access
0: disable frame checker/generator interrupt
6
PAGE_RX_IRQ_EN
Autonegotiation Page Received Interrupt Enable Bit.
0x0
R/W
1: enable autonegotiation page received interrupt.
0: disable autonegotiation page received interrupt.
5
IDLE_ERR_CNT_IRQ_EN
Idle Error Counter Saturated Interrupt Enable Bit.
0x0
R/W
1: enable idle error counter saturated interrupt.
0: disable idle error counter saturated interrupt.
4
FIFO_OU_IRQ_EN
MAC Interface FIFO Overflow/Underflow Interrupt Enable Bit.
0x0
R/W
1: enable MAC interface FIFO overflow/underflow interrupt.
0: disable MAC interface FIFO overflow/underflow interrupt.
3
RX_STAT_CHNG_IRQ_EN
Receive Status Changed Interrupt Enable Bit.
0x0
R/W
1: enable receive status changed interrupt.
0: disable receive status changed interrupt.
2
LNK_STAT_CHNG_IRQ_EN
Link Status Changed Interrupt Enable Bit.
0x0
R/W
1: enable link status changed interrupt.
0: disable link status changed interrupt.
1
SPEED_CHNG_IRQ_EN
Speed Changed Interrupt Enable Bit.
0x0
R/W
1: enable speed changed interrupt.
0: disable speed changed interrupt.
0
HW_IRQ_EN
When set, this enables the hardware interrupt pin, INT_N, and INT_N is asserted when an interrupt
is generated.
0x0
R/W
1: enable the hardware interrupt pin, INT_N.
0: disable the hardware interrupt pin, INT_N.
Interrupt Status Register
Address: 0x0019, Reset: 0x0000, Name: IRQ_STATUS
The interrupt status register is used to check which interrupts have triggered since the last time it was read. Each bit goes high when the
associated interrupt triggers and then latches high until it is unlatched by reading (note that reading any of the bits in this register unlatches all
of the bits in the register). The bits of IRQ_STATUS go high even when the associated interrupts are not enabled. However, only bits associated
with enabled interrupts are considered when generating the IRQ_PENDING indication.
Table 55. Bit Descriptions for IRQ_STATUS
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R
10
CBL_DIAG_IRQ_STAT
If the cable diagnostics interrupt status bit is 1, this indicates that the associated interrupt
triggered since last read. Note that when this bit goes high, it latches high until it is unlatched by
reading.
0x0
R LH
9
MDIO_SYNC_IRQ_STAT
If the MDIO synchronization lost interrupt status bit is 1, this indicates that the associated
interrupt triggered since last read. Note that when this bit goes high, it latches high until it is
unlatched by reading.
0x0
R LH
8
AN_STAT_CHNG_IRQ_STAT
If the autonegotiation status changed interrupt status bit is 1, this indicates that the associated
interrupt triggered since last read. Note that when this bit goes high, it latches high until it is
unlatched by reading.
0x0
R LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com