Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 55 of 96
Table 40. Bit Descriptions for TX_NEXT_PAGE
Bits
Bit Name
Description
Reset
Access
15
NP_NEXT_PAGE
Next page (NP) is used by the next page function to indicate that additional next page(s) follow. Otherwise, this is
the last next page to be transmitted.
0x0
R/W
14
RESERVED
Reserved.
0x0
R
13
NP_MSG_PAGE
Message page (MP) is used by the next page function to indicate that this is a message page. Otherwise, this is
an unformatted page.
0x1
R/W
12
NP_ACK_2
Acknowledge 2 (Ack2) is used by the next page function to indicate that a device has the ability to comply with the
message.
0x0
R/W
11
NP_TOGGLE
Toggle (T) is used by the arbitration function to ensure synchronization with the link partner during next page
exchange. This bit always takes the opposite value of the toggle bit in the previously exchanged link code word.
0x0
R
[10:0]
NP_CODE
Message code field is an 11-bit wide field, encoding 2048 possible messages. If the message page bit is set to
Logic 0, the bit encoding of the link code word is interpreted as an unformatted page.
0x1
R/W
Autonegotiation Link Partner Received Next Page Register
Address: 0x0008, Reset: 0x0000, Name: LP_RX_NEXT_PAGE
This address corresponds to the autonegotiation link partner received next page register specified in Clause 28.2.4.1.7 of IEEE Standard 802.3.
Table 41. Bit Descriptions for LP_RX_NEXT_PAGE
Bits
Bit Name
Description
Reset
Access
15
LP_NP_NEXT_PAGE
Link partner next page (NP) is used by the next page function to indicate that the link partner sends additional
next page(s). Otherwise, this is the last next page to be transmitted.
0x0
R
14
LP_NP_ACK
This bit is used by the internal handshaking in autonegotiation and must be ignored.
0x0
R
1: link partner has successfully received its link code word.
0: link partner has not received its link code word.
13
LP_NP_MSG_PAGE
Link partner message page (MP) is used by the next page function to indicate that this is a message page.
Otherwise, this is an unformatted page.
0x0
R
12
LP_NP_ACK_2
Acknowledge 2 (Ack2) is used by the next page function to indicate that the link partner has the ability to
comply with the message.
0x0
R
11
LP_NP_TOGGLE
Link partner toggle (T) is used by the arbitration function to ensure synchronization with the link partner
during the next page exchange. This bit always takes the opposite value of the toggle bit in the previously
exchanged link code word.
0x0
R
[10:0]
LP_NP_CODE
Link partner message code field is an 11‑bit wide field, encoding 2048 possible messages. If the message
page bit is set to Logic 0, the bit encoding of the link code word is interpreted as an unformatted page.
0x0
R
Master Slave Control Register
Address: 0x0009, Reset: 0x0200, Name: MSTR_SLV_CONTROL
This address corresponds to the master slave control register specified in Clause 40.5.1.1 of IEEE Standard 802.3. Note that the default reset
value of this register is dependent on the hardware configuration pins settings.
Table 42. Bit Descriptions for MSTR_SLV_CONTROL
Bits
Bit Name
Description
Reset
Access
[15:13]
TST_MODE
Transmitter test mode operations are defined by the test mode bits as specified in
Clause 40.6.1.1.2 of IEEE Standard 802.3.
0x0
R/W
111: reserved.
110: reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com