Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
Data Sheet
ADIN1300
SPECIFICATIONS
analog.com
Rev. B | 7 of 96
Table 1. (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Total
334
354
374
ns
100BASE-TX RMII5
Transmit
72
92
ns
Receive
328
348
368
ns
Total
400
430
460
ns
DIGITAL INPUTS/OUTPUTS
Applies to MAC interface, MDC pin, MDIO pin, and INT_N pin
VDDIO = 3.3 V
Input Low Voltage (VIL)
0.8
V
Input High Voltage (VIH)
2.0
V
Output Low Voltage (VOL)
0.4
V
Output low current (IOL) (min) = 4 mA
Output High Voltage (VOH)
2.4
V
Output high current (IOH) (min) = 4 mA
VDDIO = 2.5 V
VIL
0.7
V
VIH
1.7
V
VOL
0.4
V
IOL (min) = 4 mA
VOH
2.0
V
IOH (min) = 2 mA
1.7
IOH (min) = 4 mA
VDDIO = 1.8 V
VIL
0.35 ×
VDDIO
V
VIH
0.65 ×
VDDIO
V
VOL
0.45
V
IOL (min) = 2 mA
VOH
VDDIO −
0.45
V
IOH (min) = 2 mA
AVDD_3P3
Applies to COL/TX_ER function of the LED_0/COL/TX_ER/
PHY_CFG0 pin
VIL
0.8
V
VIH
2.0
V
VOL
0.4
V
IOL (min) = 4 mA
VOH
2.4
V
IOH (min) = 4 mA
Input Leakage Current High (IIH) and Input Leakage
Current Low (IIL)
10
μA
Except pins with internal pull-down resistors
LED OUTPUT
Applies to LED_0
Output Drive Current
8
mA
AVDD_3P3 = 3.3 V
CLOCKS
External Crystal (XTAL)
Requirements for external crystal used on XTAL_I pin and
XTAL_O pin
Crystal Frequency
25
MHz
Crystal Frequency Tolerance
−50
+50
ppm
Crystal Frequency Stability
-30
+30
ppm
Crystal Output Drive Level
<200
µW
Crystal ESR
20
100
Ω
Crystal Load Capacitance (CL)6
10
pF
XTAL_I Jitter
80
ps
Over frequency range 10 kHz to 5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com