Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
Data Sheet
ADIN1300
THEORY OF OPERATION
analog.com
Rev. B | 23 of 96
MDI INTERFACE
The MDI connects the ADIN1300 to the Ethernet network via a
transformer, as shown in Figure 25. In 1000BASE-T mode, transmit
and receive occur simultaneously on each of the MDI_ x_x pairs.
In 10BASE-Te and 100BASE-TX modes, MDI_0_x are used to
transmit when operating in MDI configuration and to receive when
operating in MDIX configuration. The opposite is true of MDI_1_x in
10BASE-Te mode and 100BASE-TX mode. For example, MDI_1_x
are used to receive when operating in MDI configuration and
to transmit when operating in MDIX configuration. If auto MDIX
is enabled, the ADIN1300 automatically determines if the MDI
or MDIX configuration must be used. Otherwise, it is forced to
the chosen MDI or MDIX configuration. In 10BASE-Te mode and
100BASE-TX mode, MDI_2_x and MDI_3_x are unused. The Flip
MDI Dimensions section shows the mapping of the transmitter and
receiver to the pins for the various modes across speeds.
Figure 25. Media Dependent Interface
Flip MDI Dimensions
The ADIN1300 supports flipping the PHY dimensions to accom-
modate and simplify routing to different RJ-45 pinout orienta-
tions. The flip feature is user programmable over the MDIO inter-
face by accessing the GE_MAN_MDI_FLIP_CFG (Bit 4) of the
GE_PHY_BASE_CFG register (see Table 129). The default setting
is normal MDI pin mapping as shown in Table 17 and Table 18.
Table 17. MDI/MDIX Pin Mapping
MDI Pins
MDI Pin Mapping1
MDIX Pin Mapping1
10BASE-Te/
100BASE-TX 1000BASE-T
10BASE-Te/
100BASE-TX 1000BASE-T
MDI_0_P/
MDI_0_N
Transmit ±
Transmit A±
Receive B±
Receive ±
Transmit B±
Receive A±
MDI_1_P/
MDI_1_N
Receive ±
Transmit B±
Receive A±
Transmit ±
Transmit A±
Receive B±
MDI_2_P/
MDI_2_N
Not applicable Transmit C±
Receive D±
Not applicable Transmit D±
Receive C±
MDI_3_P/
MDI_3_N
Not applicable Transmit D±
Receive C±
Not applicable Transmit C±
Receive D±
1 Refer to IEEE802.3 Clause 40.8 for MDI/MDIX connector pinout.
Table 18. MDI Pair Flip Pin Mapping
MDI Pins
MDI Normal Mode,
GE_MAN_MDI_FLIP_CFG = 01
MDI Pair Flip,
GE_MAN_MDI_FLIP_CFG = 11
10BASE-Te/
100BASE-TX
1000BASE-T
10BASE-Te/
100BASE-TX 1000BASE-T
MDI_0_P/
MDI_0_N
Transmit ±
Transmit A±
Receive B±
Not applicable Transmit D±
Receive C±
MDI_1_P/
MDI_1_N
Receive ±
Transmit B±
Receive A±
Not applicable Transmit C±
Receive D±
MDI_2_P/
MDI_2_N
Not applicable
Transmit C±
Receive D±
Receive ±
Transmit B±
Receive A±
MDI_3_P/
MDI_3_N
Not applicable
Transmit D±
Receive C±
Transmit ±
Transmit A±
Receive B±
1 Refer to IEEE802.3 Clause 40.8 for MDI connector pinout.
RESET OPERATION
The ADIN1300 supports a number of resets that include power‑on
reset, hardware reset, and multiple software reset types. All of
these put the ADIN1300, including the PHY core, in a known state.
Whenever the PHY core is reset, the MAC interface output pins
(output pins with respect to the ADIN1300) are driven to a known
idle state. All outputs except RXC/RX_CLK are driven low and
RXC/RX_CLK is driven high.
Power-On Reset
The ADIN1300 includes power monitoring circuitry to monitor all of
the supplies. At power-up, the ADIN1300 is held in hardware reset
until each of the supplies has crossed its minimum rising threshold
value.
Brown-out protection is provided by monitoring the supplies to
detect if one or more of the supplies drops below a minimum falling
threshold value and holding the device in hardware reset until the
power is valid again.
Table 19. Brown-Out Protection Threshold Values
Supply
Minimum Falling Threshold Value (V)
AVDD_3P3
2.35
VDDIO
1.35
DVDD_0P9
0.7
Hardware Reset
A hardware reset is initiated by the POR circuitry or by asserting
the RESET_N pin low. Bring the pin low for a minimum of 10 µs.
Deglitch circuitry is included on this pin to reject pulses shorter than
~1 µs.
A pull-up or pull-down of 1 kΩ is recommended on this pin. Depend-
ing on the requirements of the MAC interface , the host may need
to ensure that the PHY is out of hardware reset and ready to
establish a link on power up, or alternatively may need to control
when the PHY is brought out of hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com