Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300BCPZ-R7 Datasheet(PDF) 91 Page - Analog Devices

Part # ADIN1300BCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300BCPZ-R7 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADIN1300BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 91Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 92Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 93Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 94Page - Analog Devices ADIN1300BCPZ-R7 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 91 of 96
Subsystem 10BASE-T Preamble Generation Register
Address: 0xFF38, Reset: 0x0000, Name: GE_B10_REGEN_PRE
In normal operation, the 10BASE-T preamble is consumed while synchronizing 10BASE-T receive timing and only 1 byte or 2 bytes of
preamble are sent to the MAC. Setting this bit causes the GE subsystem to regenerate a full 10BASE-T preamble.
Table 131. Bit Descriptions for GE_PHY_IF_CFG
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
GE_B10_REGEN_PRE
Setting this bit causes the GE subsystem to regenerate a full 10BASE-T preamble. This field must always
be left at the default value of 0x0 for general use and set to 0x1 for media converter applications.
0x0
R/W
Subsystem RGMII I/O Control Register
Address: 0xFF3A, Reset: 0x0005, Name: GE_RGMII_IO_CNTRL
This register allows the characteristics of the RGMII I/O cells to be
controlled.
Table 132. Bit Descriptions for GE_RGMII_IO_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
[3:2]
GE_RGMII_RX_DRV
This bit field allows the drive strength of the RGMII receive buffers to be modified. Lower values correspond
to higher drive current.
0x1
R/W
[1:0]
RESERVED
Reserved.
0x1
R/W
Subsystem Clock I/O Control Register
Address: 0xFF3B, Reset: 0x0002, Name: GE_CLK_IO_CNTRL
This register allows the characteristics of the clock I/O cells to be controlled.
Table 133. Bit Descriptions for GE_CLK_IO_CNTRL
Bits
Bit Name
Description
Reset
Access
[15:3]
RESERVED
Reserved.
0x0
R
[2:1]
GE_CLK_DRV This bit field allows the drive strength of the clock buffers (and LINK_ST) to be modified. Lower values correspond to
higher drive current.
0x1
R/W
0
RESERVED
Reserved.
0x0
R/W
Subsystem Link Status Invert Enable Register
Address: 0xFF3C, Reset: 0x0000, Name: GE_LNK_STAT_INV_EN
This register allows the link status output signal on the LINK_ST pin to be inverted, meaning that link up is indicated by setting LINK_ST low.
Table 134. Bit Descriptions for GE_LNK_STAT_INV_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
GE_LNK_STAT_INV_EN
When set to 1, this bit enables the link status output signal on the LINK_ST pin to be inverted, meaning
that link up is indicated by setting LINK_ST low.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com