Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 14 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 10Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 11Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 12Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 13Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 14Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 15Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 16Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 17Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
Table 7-3. Signal Descriptions – YFV Package (continued)
NAME
NO.
TYPE
DESCRIPTION
RF_N
B6
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal to PA during TX
RF_P
B5
RF I/O
Positive RF input signal to LNA during RX
Positive RF output signal to PA during TX
VDDR
A3
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC/DC(4) (2)
VDDR_RF
B4
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC/DC(5) (2)
VDDS
A2
Power
1.8-V to 3.8-V main chip supply(1)
VDDS2
F4
Power
1.8-V to 3.8-V GPIO supply(1)
VDDS_DCDC
C1
Power
1.8-V to 3.8-V DC/DC supply
X32K_Q1
D6
Analog I/O
32-kHz crystal oscillator pin 1
X32K_Q2
E6
Analog I/O
32-kHz crystal oscillator pin 2
X24M_N
C3
Analog I/O
24-MHz crystal oscillator pin 1
X24M_P
C4
Analog I/O
24-MHz crystal oscillator pin 2
GND
A4, B1, C6,
E1
Power
Ground
(1)
For more details, see the technical reference manual (listed in Section 11.3).
(2)
Do not supply external circuitry from this pin.
(3)
For design consideration regarding noise immunity for this pin, see the JTAG Interface chapter in the CC13x0, CC26x0 SimpleLink™
Wireless MCU Technical Reference Manual
(4)
If internal DC/DC is not used, this pin is supplied internally from the main LDO.
(5)
If internal DC/DC is not used, this pin must be connected to VDDR for supply from the main LDO.
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com