Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 19 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 15Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 16Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 17Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 18Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 19Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 20Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 21Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 22Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
(3)
Iperi is not supported in Standby or Shutdown.
8.5 General Characteristics
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FLASH MEMORY
Supported flash erase cycles before
failure(1)
100
k Cycles
Maximum number of write operations
per row before erase(2)
83
write
operations
Flash retention
105°C
11.4
Years at
105°C
Flash page/sector erase current
Average delta current
12.6
mA
Flash page/sector size
4
KB
Flash write current
Average delta current, 4 bytes at a time
8.15
mA
Flash page/sector erase time(3)
8
ms
Flash write time(3)
4 bytes at a time
8
µs
(1)
Aborting flash during erase or program modes is not a safe operation.
(2)
Each row is 2048 bits (or 256 Bytes) wide.
(3)
This number is dependent on Flash aging and will increase over time and erase cycles.
8.6 125-kbps Coded (Bluetooth 5) – RX
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V, fRF = 2440 MHz, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver sensitivity
Differential mode. Measured at the CC2650EM-5XD
SMA connector, BER = 10–3
–103
dBm
Receiver saturation
Differential mode. Measured at the CC2650EM-5XD
SMA connector, BER = 10–3
>5
dBm
Frequency error tolerance
Difference between the incoming carrier frequency
and the internally generated carrier frequency
–260
310
kHz
Data rate error tolerance
Difference between incoming data rate and the
internally generated data rate (37-byte packets)
–260
260
ppm
Data rate error tolerance
Difference between incoming data rate and the
internally generated data rate (255-byte packets)
–140
140
ppm
Co-channel rejection (1)
Wanted signal at –79 dBm, modulated interferer in
channel, BER = 10–3
–3
dB
Selectivity, ±1 MHz (1)
Wanted signal at –79 dBm, modulated interferer at ±1
MHz, BER = 10–3
9 / 5(2)
dB
Selectivity, ±2 MHz (1)
Wanted signal at –79 dBm, modulated interferer at ±2
MHz, Image frequency is at –2 MHz, BER = 10–3
43 / 32(2)
dB
Selectivity, ±3 MHz (1)
Wanted signal at –79 dBm, modulated interferer at ±3
MHz, BER = 10–3
47 / 42(2)
dB
Selectivity, ±4 MHz (1)
Wanted signal at –79 dBm, modulated interferer at ±4
MHz, BER = 10–3
46 / 47(2)
dB
Selectivity, ±6 MHz (1)
Wanted signal at –79 dBm, modulated interferer at ±6
MHz, BER = 10–3
49 / 46(2)
dB
Alternate channel rejection, ±7
MHz(1)
Wanted signal at –79 dBm, modulated interferer at ≥
±7 MHz, BER = 10–3
50 / 47(2)
dB
Selectivity, image frequency(1)
Wanted signal at –79 dBm, modulated interferer at
image frequency, BER = 10–3
32
dB
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com