Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 44 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 40Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 41Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 42Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 43Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 44Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 45Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 46Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 47Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
Figure 10-2 shows the various supply voltage configuration options. Not all power supply decoupling capacitors
or digital I/Os are shown. Exact pin positions will vary between the different package options. For a detailed
overview of power supply decoupling and wiring, see the TI reference designs and the CC26xx technical
reference manual (Section 11.3).
Internal DC-DC Regulator
External Regulator
Internal LDO Regulator
(GND Exposed Die
Attached Pad)
Pin 3/4 (RXTX)
Pin 1 (RF P)
Pin 2 (RF N)
24-MHz XTAL
(Load Caps on Chip)
10 F
10 H
VDDS_DCDC
Input Decoupling
10 F±22 F
To All VDDR Pins
VDDS_DCDC Pin
DCDC_SW Pin
1.8 V±3.8 V
to All VDDS Pins
VDDS
VDDS
CC26xx
(GND Exposed Die
Attached Pad)
Pin 3/4 (RXTX)
Pin 1 (RF P)
Pin 2 (RF N)
24-MHz XTAL
(Load Caps on Chip)
VDDS_DCDC
Input Decoupling
10 F±22 F
To All VDDR Pins
VDDS_DCDC Pin
NC
1.8 V±3.8 V
Supply Voltage
VDDS
VDDS
CC26xx
10 F
To All VDDS Pins
(GND Exposed Die
Attached Pad)
Pin 3/4 (RXTX)
Pin 1 (RF P)
Pin 2 (RF N)
24-MHz XTAL
(Load Caps
on Chip)
VDDS_DCDC Pin
CC26xx
2.2 F
DCDC_SW Pin
1.7 V±1.95 V to All VDDR- and VDDS Pins Except VDDS_DCDC
Ext.
Regulator
Copyright © 2016, Texas Instruments Incorporated
Figure 10-2. Supply Voltage Configurations
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
44
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com