Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 25 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 21Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 22Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 23Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 24Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 25Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 26Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 27Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 28Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
8.16 48-MHz RC Oscillator (RCOSC_HF)
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
48
MHz
Uncalibrated frequency accuracy
±1%
Calibrated frequency accuracy(1)
±0.25%
Start-up time
5
µs
(1)
Accuracy relative to the calibration source (XOSC_HF).
8.17 32-kHz RC Oscillator (RCOSC_LF)
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Calibrated frequency(1)
32.8
kHz
Temperature coefficient
80
ppm/°C
(1)
The frequency accuracy of the Real Time Clock (RTC) is not directly dependent on the frequency accuracy of the 32-kHz RC
Oscillator. The RTC can be calibrated to an accuracy within ±500 ppm of 32.768 kHz by measuring the frequency error of RCOSC_LF
relative to XOSC_HF and compensating the RTC tick speed. The procedure is explained in Running Bluetooth® Low Energy on
CC2640 Without 32 kHz Crystal.
8.18 ADC Characteristics
Tc = 25°C, VDDS = 3.0 V and voltage scaling enabled, unless otherwise noted.(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDDS
V
Resolution
12
Bits
Sample rate
200
ksps
Offset
Internal 4.3-V equivalent reference(2)
2
LSB
Gain error
Internal 4.3-V equivalent reference(2)
2.4
LSB
DNL(3)
Differential nonlinearity
>–1
LSB
INL(4)
Integral nonlinearity
±3
LSB
ENOB
Effective number of bits
Internal 4.3-V equivalent reference(2), 200 ksps,
9.6-kHz input tone
9.8
Bits
VDDS as reference, 200 ksps, 9.6-kHz input tone
10
Internal 1.44-V reference, voltage scaling disabled,
32 samples average, 200 ksps, 300-Hz input tone
11.1
THD
Total harmonic distortion
Internal 4.3-V equivalent reference(2), 200 ksps,
9.6-kHz input tone
–65
dB
VDDS as reference, 200 ksps, 9.6-kHz input tone
–69
Internal 1.44-V reference, voltage scaling disabled,
32 samples average, 200 ksps, 300-Hz input tone
–71
SINAD,
SNDR
Signal-to-noise
and
Distortion ratio
Internal 4.3-V equivalent reference(2), 200 ksps,
9.6-kHz input tone
60
dB
VDDS as reference, 200 ksps, 9.6-kHz input tone
63
Internal 1.44-V reference, voltage scaling disabled,
32 samples average, 200 ksps, 300-Hz input tone
69
SFDR
Spurious-free dynamic
range
Internal 4.3-V equivalent reference(2), 200 ksps,
9.6-kHz input tone
67
dB
VDDS as reference, 200 ksps, 9.6-kHz input tone
68
Internal 1.44-V reference, voltage scaling disabled,
32 samples average, 200 ksps, 300-Hz input tone
73
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com