Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 34 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 30Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 31Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 32Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 33Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 34Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 35Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 36Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 37Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
Input Frequency (Hz)
200 300 500
1000 2000
5000 10000 20000
100000
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
11.2
11.4
D009
Fs= 200 kHz, No Averaging
Fs= 200 kHz, 32 samples averaging
Figure 8-16. SoC ADC Effective Number of Bits vs
Input Frequency (Internal Reference, Scaling
enabled)
VDDS (V)
1.8
2.3
2.8
3.3
3.8
1004.8
1005
1005.2
1005.4
1005.6
1005.8
1006
1006.2
1006.4
D012
Figure 8-17. SoC ADC Output vs Supply Voltage
(Fixed Input, Internal Reference)
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
1004.5
1005
1005.5
1006
1006.5
1007
1007.5
D013
Figure 8-18. SoC ADC Output vs Temperature
(Fixed Input, Internal Reference)
Sampling Frequency (Hz)
9.6
9.7
9.8
9.9
10
10.1
10.2
10.3
10.4
10.5
1k
10k
100k
200k
D009A
ENOB Internal Reference (No Averaging)
ENOB Internal Reference (32 Samples Averaging)
Figure 8-19. SoC ADC ENOB vs Sampling
Frequency (Scaling enabled, input frequency =
FS / 10)
Figure 8-20. Standby Mode Supply Current vs Temperature
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
34
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com