Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 29 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 25Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 26Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 27Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 28Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 29Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 30Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 31Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 32Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
SSIClk
(SPO = 1)
SSITx
(Master)
SSIRx
(Slave)
LSB
SSIClk
(SPO = 0)
S2
S1
SSIFss
LSB
S3
MSB
MSB
Figure 8-3. SSI Timing for SPI Frame Format (FRF = 00), With SPH = 1
8.25 DC Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C, VDDS = 1.8 V
GPIO VOH at 8-mA load
IOCURR = 2, high-drive GPIOs only
1.32
1.54
V
GPIO VOL at 8-mA load
IOCURR = 2, high-drive GPIOs only
0.26
0.32
V
GPIO VOH at 4-mA load
IOCURR = 1
1.32
1.58
V
GPIO VOL at 4-mA load
IOCURR = 1
0.21
0.32
V
GPIO pullup current
Input mode, pullup enabled, Vpad = 0 V
71.7
µA
GPIO pulldown current
Input mode, pulldown enabled, Vpad = VDDS
21.1
µA
GPIO high/low input transition,
no hysteresis
IH = 0, transition between reading 0 and reading 1
0.88
V
GPIO low-to-high input transition,
with hysteresis
IH = 1, transition voltage for input read as 0 → 1
1.07
V
GPIO high-to-low input transition,
with hysteresis
IH = 1, transition voltage for input read as 1 → 0
0.74
V
GPIO input hysteresis
IH = 1, difference between 0 → 1 and 1 → 0 points
0.33
V
TA = 25°C, VDDS = 3.0 V
GPIO VOH at 8-mA load
IOCURR = 2, high-drive GPIOs only
2.68
V
GPIO VOL at 8-mA load
IOCURR = 2, high-drive GPIOs only
0.33
V
GPIO VOH at 4-mA load
IOCURR = 1
2.72
V
GPIO VOL at 4-mA load
IOCURR = 1
0.28
V
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com