Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 40 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 36Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 37Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 38Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 39Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 40Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 41Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 42Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 43Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
Table 9-2. Power Modes (continued)
MODE
SOFTWARE CONFIGURABLE POWER MODES
RESET PIN
HELD
ACTIVE
IDLE
STANDBY
SHUTDOWN
Wake up on Reset Pin
Available
Available
Available
Available
Available
Brown Out Detector (BOD)
Active
Active
Duty Cycled
Off
N/A
Power On Reset (POR)
Active
Active
Active
Active
N/A
(1)
Not including RTOS overhead
In active mode, the application CM3 CPU is actively executing code. Active mode provides normal operation of
the processor and all of the peripherals that are currently enabled. The system clock can be any available clock
source (see Table 9-2).
In idle mode, all active peripherals can be clocked, but the Application CPU core and memory are not clocked
and no code is executed. Any interrupt event will bring the processor back into active mode.
In standby mode, only the always-on domain (AON) is active. An external wake-up event, RTC event, or sensor-
controller event is required to bring the device back to active mode. MCU peripherals with retention do not need
to be reconfigured when waking up again, and the CPU continues execution from where it went into standby
mode. All GPIOs are latched in standby mode.
In shutdown mode, the device is turned off entirely, including the AON domain and the Sensor Controller. The
I/Os are latched with the value they had before entering shutdown mode. A change of state on any I/O pin
defined as a wake-up from Shutdown pin wakes up the device and functions as a reset trigger. The CPU can
differentiate between a reset in this way, a reset-by-reset pin, or a power-on-reset by reading the reset status
register. The only state retained in this mode is the latched I/O state and the Flash memory contents.
The Sensor Controller is an autonomous processor that can control the peripherals in the Sensor Controller
independently of the main CPU, which means that the main CPU does not have to wake up, for example, to
execute an ADC sample or poll a digital sensor over SPI. The main CPU saves both current and wake-up time
that would otherwise be wasted. The Sensor Controller Studio enables the user to configure the sensor
controller and choose which peripherals are controlled and which conditions wake up the main CPU.
9.9 Clock Systems
The CC2640R2F supports two external and two internal clock sources.
A 24-MHz crystal is required as the frequency reference for the radio. This signal is doubled internally to create a
48-MHz clock.
The 32-kHz crystal is optional. Bluetooth low energy requires a slow-speed clock with better than
±500 ppm accuracy if the device is to enter any sleep mode while maintaining a connection. The internal
32-kHz RC oscillator can in some use cases be compensated to meet the requirements. The low-speed crystal
oscillator is designed for use with a 32-kHz watch-type crystal.
The internal high-speed oscillator (48-MHz) can be used as a clock source for the CPU subsystem.
The internal low-speed oscillator (32.768-kHz) can be used as a reference if the low-power crystal oscillator is
not used.
The 32-kHz clock source can be used as external clocking reference through GPIO.
9.10 General Peripherals and Modules
The I/O controller controls the digital I/O pins and contains multiplexer circuitry to allow a set of peripherals to be
assigned to I/O pins in a flexible manner. All digital I/Os are interrupt and wake-up capable, have a
programmable pullup and pulldown function and can generate an interrupt on a negative or positive edge
(configurable). When configured as an output, pins can function as either push-pull or open-drain. Five GPIOs
have high drive capabilities (marked in bold in Section 7).
The SSIs are synchronous serial interfaces that are compatible with SPI, MICROWIRE, and Texas Instruments
synchronous serial interfaces. The SSIs support both SPI master and slave up to 4 MHz.
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
40
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com