Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 39 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 35Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 36Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 37Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 38Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 39Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 40Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 41Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 42Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Table 9-1. GPIOs Connected to the Sensor Controller (1) (continued)
ANALOG
CAPABLE
7 × 7 RGZ
DIO NUMBER
5 × 5 RHB
DIO NUMBER
2.7 × 2.7 YFV
DIO NUMBER
4 × 4 RSM
DIO NUMBER
N
4
1
1
N
3
0
0
N
2
N
1
N
0
(1)
Depending on the package size, up to 16 pins can be connected to the Sensor Controller. Up to 8
of these pins can be connected to analog modules.
9.6 Memory
The Flash memory provides nonvolatile storage for code and data. The Flash memory is in-system
programmable.
The SRAM (static RAM) can be used for both storage of data and execution of code and is split into two 4-KB
blocks and two 6-KB blocks. Retention of the RAM contents in standby mode can be enabled or disabled
individually for each block to minimize power consumption. In addition, if flash cache is disabled, the 8-KB cache
can be used as a general-purpose RAM.
The ROM provides preprogrammed embedded TI-RTOS kernel, Driverlib, and lower layer protocol stack
software ( Bluetooth low energy Controller). It also contains a bootloader that can be used to reprogram the
device using SPI or UART. For CC2640R2Fxxx devices, the ROM contains Bluetooth 4.2 low energy host- and
controller software libraries, leaving more of the flash memory available for the customer application.
9.7 Debug
The on-chip debug support is done through a dedicated cJTAG (IEEE 1149.7) or JTAG (IEEE 1149.1) interface.
9.8 Power Management
To minimize power consumption, the CC2640R2F device supports a number of power modes and power
management features (see Table 9-2).
Table 9-2. Power Modes
MODE
SOFTWARE CONFIGURABLE POWER MODES
RESET PIN
HELD
ACTIVE
IDLE
STANDBY
SHUTDOWN
CPU
Active
Off
Off
Off
Off
Flash
On
Available
Off
Off
Off
SRAM
On
On
On
Off
Off
Radio
Available
Available
Off
Off
Off
Supply System
On
On
Duty Cycled
Off
Off
Current
1.45 mA + 31 µA/MHz
650 µA
1 µA
0.15 µA
0.1 µA
Wake-up Time to CPU Active(1)
–
14 µs
151 µs
1015 µs
1015 µs
Register Retention
Full
Full
Partial
No
No
SRAM Retention
Full
Full
Full
No
No
High-Speed Clock
XOSC_HF or
RCOSC_HF
XOSC_HF or
RCOSC_HF
Off
Off
Off
Low-Speed Clock
XOSC_LF or
RCOSC_LF
XOSC_LF or
RCOSC_LF
XOSC_LF or
RCOSC_LF
Off
Off
Peripherals
Available
Available
Off
Off
Off
Sensor Controller
Available
Available
Available
Off
Off
Wake up on RTC
Available
Available
Available
Off
Off
Wake up on Pin Edge
Available
Available
Available
Available
Off
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com