Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 51 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 47Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 48Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 49Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 50Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 51Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 52Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 53Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 54Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
11.3 Documentation Support
To receive notification of documentation updates, navigate to the device product folder on ti.com ( CC2640R2F ).
In the upper right corner, click on Alert me to register and receive a weekly digest of any product information that
has changed. For change details, review the revision history included in any revised document.
The current documentation that describes the CC2640R2F devices, related peripherals, and other technical
collateral is listed in the following.
Technical Reference Manual
CC13xx, CC26xx SimpleLink™ Wireless MCU Technical Reference Manual
SPACER
11.4 Texas Instruments Low-Power RF Website
Texas Instruments' Low-Power RF website has all the latest products, application and design notes, FAQ
section, news and events updates. Go to www.ti.com/lprf.
11.5 Low-Power RF eNewsletter
The Low-Power RF eNewsletter is up-to-date on new products, news releases, developers’ news, and other
news and events associated with low-power RF products from TI. The Low-Power RF eNewsletter articles
include links to get more online information.
Sign up at: www.ti.com/lprfnewsletter
11.6 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
11.7 Trademarks
SmartRF™, Code Composer Studio™, LaunchPad™, TI E2E™ are trademarks of Texas Instruments.
IEEE Std 1241™ is a trademark of Institute of Electrical and Electronics Engineers, Incorporated.
ARM7™ is a trademark of Arm Limited (or its subsidiaries).
Arm®, Cortex®, and Thumb® are registered trademarks of Arm Limited (or its subsidiaries).
CoreMark® is a registered trademark of Embedded Microprocessor Benchmark Consortium.
Bluetooth® is a registered trademark of Bluetooth SIG Inc.
IAR Embedded Workbench® are registered trademarks of IAR Systems AB.
Wi-Fi® is a registered trademark of Wi-Fi Alliance.
ZigBee® is a registered trademark of ZigBee Alliance.
All other trademarks are the property of their respective owners.
11.8 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
11.9 Export Control Notice
Recipient agrees to not knowingly export or re-export, directly or indirectly, any product or technical data (as
defined by the U.S., EU, and other Export Administration Regulations) including software, or any controlled
product restricted by other applicable national regulations, received from disclosing party under nondisclosure
obligations (if any), or any direct product of such technology, to any destination to which such export or re-export
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com