Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 43 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 39Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 40Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 41Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 42Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 43Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 44Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 45Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 46Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
10 Application, Implementation, and Layout
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI's customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
10.1 Application Information
Very few external components are required for the operation of the CC2640R2F device. This section provides
some general information about the various configuration options when using the CC2640R2F in an application,
and then shows two examples of application circuits with schematics and layout. This is only a small selection of
the many application circuit examples available as complete reference designs from the product folder on
www.ti.com.
Figure 10-1 shows the various RF front-end configuration options. The RF front end can be used in differential-
or single-ended configurations with the options of having internal or external biasing. These options allow for
various trade-offs between cost, board space, and RF performance. Differential operation with external bias
gives the best performance while single-ended operation with internal bias gives the least amount of external
components and the lowest power consumption. Reference designs exist for each of these options.
Antenna
(50 Ohm)
1 pF
1 pF
2.4 nH
2.4±2.7 nH
6.8 pF
6.2±6.8 nH
Antenna
(50 Ohm)
1.2 pF
15 nH
2 nH
1.2 pF
Antenna
(50 Ohm)
1.2 pF
2 nH
1.2 pF
Antenna
(50 Ohm)
1.2 pF
2 nH
1.2 pF
Pin 1 (RF P)
Pin 2 (RF N)
Pin 3 (RXTX)
Pin 1 (RF P)
Pin 2 (RF N)
Pin 1 (RF P)
Pin 2 (RF N)
Red = Not necessary if internal bias is used
Red = Not necessary if internal bias is used
Differential
operation
Single ended
operation
Single ended
operation with 2
antennas
Pin 3 (RXTX)
15 nH
15 nH
CC26xx
(GND exposed die
attached pad
)
Pin 3/4 (RXTX)
Pin 1 (RF P)
Pin 2 (RF N)
24MHz
XTAL
(Load caps
on chip)
10µF
10µH
Optional
inductor.
Only
needed for
DCDC
operation
12 pF
12 pF
12 pF
12 pF
2 nH
2 nH
1 pF
input
decoupling
10µF±22µF
To VDDR
pins
VDDS_DCDC
DCDC_SW
Red = Not necessary if internal bias is used
Copyright © 2016, Texas Instruments Incorporated
Figure 10-1. CC2640R2F Application Circuit
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com