Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 26 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 22Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 23Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 24Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 25Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 26Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 27Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 28Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 29Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
Tc = 25°C, VDDS = 3.0 V and voltage scaling enabled, unless otherwise noted.(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Conversion time
Serial conversion, time-to-output, 24-MHz clock
50
clock-
cycles
Current consumption
Internal 4.3-V equivalent reference(2)
0.66
mA
Current consumption
VDDS as reference
0.75
mA
Reference voltage
Equivalent fixed internal reference (input voltage scaling
enabled). For best accuracy, the ADC conversion should
be initiated through the TIRTOS API in order to include the
gain/offset compensation factors stored in FCFG1.
4.3(2) (5)
V
Reference voltage
Fixed internal reference (input voltage scaling disabled).
For best accuracy, the ADC conversion should be initiated
through the TIRTOS API in order to include the gain/offset
compensation factors stored in FCFG1. This value is
derived from the scaled value (4.3 V) as follows:
Vref = 4.3 V × 1408 / 4095
1.48
V
Reference voltage
VDDS as reference (Also known as RELATIVE) (input
voltage scaling enabled)
VDDS
V
Reference voltage
VDDS as reference (Also known as RELATIVE) (input
voltage scaling disabled)
VDDS /
2.82(5)
V
Input impedance
200 ksps, voltage scaling enabled. Capacitive input, Input
impedance depends on sampling frequency and sampling
time
>1
MΩ
(1)
Using IEEE Std 1241™-2010 for terminology and test methods.
(2)
Input signal scaled down internally before conversion, as if voltage range was 0 to 4.3 V.
(3)
No missing codes. Positive DNL typically varies from +0.3 to +3.5, depending on device (see Figure 8-21).
(4)
For a typical example, see Figure 8-22.
(5)
Applied voltage must be within absolute maximum ratings (Section 8.1) at all times.
8.19 Temperature Sensor
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
4
°C
Range
–40
85
°C
Accuracy
±5
°C
Supply voltage coefficient(1)
3.2
°C/V
(1)
Automatically compensated when using supplied driver libraries.
8.20 Battery Monitor
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
50
mV
Range
1.8
3.8
V
Accuracy
13
mV
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com