Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 13 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 9Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 10Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 11Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 12Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 13Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 14Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 15Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 16Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
7.5 Pin Diagram – YFV (Chip Scale, DSBGA) Package
A1
A2
A3
A4
B1
B2
B3
B4
D5
B5
E6
B6
C2
C3
C4
C5
C6
D6
C1
D1
D2
D3
D4
E1
E2
E3
E4
E5
F1
F2
F3
F4
F5
F6
Figure 7-3. YFV (2.7-mm × 2.7-mm) Pinout, Top View
7.6 Signal Descriptions – YFV (Chip Scale, DSBGA) Package
Table 7-3. Signal Descriptions – YFV Package
NAME
NO.
TYPE
DESCRIPTION
DCDC_SW
D1
Power
Output from internal DC/DC(1)
DCOUPL
F3
Power
1.27-V regulated digital-supply decoupling(2)
DIO_0
C5
Digital I/O
GPIO, Sensor Controller
DIO_1
F6
Digital I/O
GPIO, Sensor Controller
DIO_2
D5
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_3
E5
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_4
F5
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_5
E3
Digital I/O
GPIO, High-drive capability, JTAG_TDO
DIO_6
F1
Digital I/O
GPIO, High-drive capability, JTAG_TDI
DIO_7
D2
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_8
D3
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_9
A1
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_10
C2
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_11
B2
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_12
D4
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_13
B3
Digital/Analog I/O
GPIO, Sensor Controller, Analog
JTAG_TMSC
E4
Digital I/O
JTAG TMSC, high-drive capability
JTAG_TCKC
F2
Digital I/O
JTAG TCKC(3)
RESET_N
E2
Digital input
Reset, active-low. No internal pullup.
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com