Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 22 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 18Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 19Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 20Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 21Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 22Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 23Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 24Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 25Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
8.10 1-Mbps GFSK (Bluetooth low energy) – RX
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V, fRF = 2440 MHz, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver sensitivity
Differential mode. Measured at the CC2650EM-5XD
SMA connector, BER = 10–3
–97
dBm
Receiver sensitivity
Single-ended mode. Measured on CC2650EM-4XS,
at the SMA connector, BER = 10–3
–96
dBm
Receiver saturation
Differential mode. Measured at the CC2650EM-5XD
SMA connector, BER = 10–3
4
dBm
Receiver saturation
Single-ended mode. Measured on CC2650EM-4XS,
at the SMA connector, BER = 10–3
0
dBm
Frequency error tolerance
Difference between the incoming carrier frequency
and the internally generated carrier frequency
–350
350
kHz
Data rate error tolerance
Difference between incoming data rate and the
internally generated data rate
–750
750
ppm
Co-channel rejection(1)
Wanted signal at –67 dBm, modulated interferer in
channel, BER = 10–3
–6
dB
Selectivity, ±1 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±1
MHz, BER = 10–3
7 / 3(2)
dB
Selectivity, ±2 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±2
MHz, BER = 10–3
34 / 25(2)
dB
Selectivity, ±3 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±3
MHz, BER = 10–3
38 / 26(2)
dB
Selectivity, ±4 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±4
MHz, BER = 10–3
42 / 29(2)
dB
Selectivity, ±5 MHz or more(1)
Wanted signal at –67 dBm, modulated interferer at
≥ ±5 MHz, BER = 10–3
32
dB
Selectivity, image frequency(1)
Wanted signal at –67 dBm, modulated interferer at
image frequency, BER = 10–3
25
dB
Selectivity, image frequency
±1 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±1
MHz from image frequency, BER = 10–3
3 / 26(2)
dB
Out-of-band blocking (3)
30 MHz to 2000 MHz
–20
dBm
Out-of-band blocking
2003 MHz to 2399 MHz
–5
dBm
Out-of-band blocking
2484 MHz to 2997 MHz
–8
dBm
Out-of-band blocking
3000 MHz to 12.75 GHz
–10
dBm
Intermodulation
Wanted signal at 2402 MHz, –64 dBm. Two
interferers at 2405 and 2408 MHz respectively, at the
given power level
–34
dBm
Spurious emissions,
30 to 1000 MHz
Conducted measurement in a 50-Ω single-ended
load. Suitable for systems targeting compliance with
EN 300 328, EN 300 440 class 2, FCC CFR47, Part
15 and ARIB STD-T-66
–71
dBm
Spurious emissions,
1 to 12.75 GHz
Conducted measurement in a 50-Ω single-ended
load. Suitable for systems targeting compliance with
EN 300 328, EN 300 440 class 2, FCC CFR47, Part
15 and ARIB STD-T-66
–62
dBm
RSSI dynamic range
70
dB
RSSI accuracy
±4
dB
(1)
Numbers given as I/C dB.
(2)
X / Y, where X is +N MHz and Y is –N MHz.
(3)
Excluding one exception at Fwanted / 2, per Bluetooth Specification.
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com