Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 47 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 43Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 44Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 45Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 46Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 47Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 48Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 49Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 50Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
10.3 4 × 4 External Single-ended (4XS) Application Circuit
RF_P
C14
12 pF
C8
10 F
µ
C10
DNM
C16
100 nF
C5
10 F
µ
VDDS Decoupling Capacitors
VDDS
Pin 11
Pin 27
Pin 19
Y 1
32.768 kHz
C18
12 pF
C17
12 pF
C3
100 nF
C4
100 nF
C6
100 nF
C12
1.2 pF
VDDS
R1
100 k
VDDR
Place L1 and
C8 close to pin 18
C20
100 nF
nRESET
DIO_8
DIO_0
DIO_7
DIO_9
Pin 28
Pin 32
C9
100 nF
VDDR Decoupling Capacitors
VDDR
Y 2
24 MHz
1
2
4
3
C2
DNM
VDDS
L21
15 nH
1
2
L1
10 H
µ
1
2
DCDC_SW
C19
1 µF
50-Ω
Antenna
FL1
BLM18HE152SN1
1
2
RF_N used for RX biasing.
L21 may be removed at the
cost of 1 dB degraded
sensitivity
VDD_EB
C13
1.2 pF
L12
2 nH
1
2
CC26XX_4X4
U1
DIO_0
8
DIO_1
9
DIO_2
10
DIO_3
15
DIO_4
16
DIO_5
22
DIO_6
23
DIO_7
24
DIO_8
25
DIO_9
26
RESET_N
21
JTAG_TCKC
14
JTAG_TMSC
13
X24M_P
31
X24M_N
30
DCOUPL
12
VSS
29
VSS
3
EGP
33
VDDS
27
VDDS2
11
VDDS_DCDC
19
VDDR
28
VDDR
32
DCDC_SW
18
RX/TX
4
RF_N
RF_P
1
X32K_Q2
6
X32K_Q1
5
VSS
7
VSS
17
VSS
20
DIO_1
DIO_3/JTAG_TDO
DIO_2
DIO_6
DIO_5
DIO_4/JTAG_TDI
DCDC_SW
JTAG_TCK
nRESET
JTAG_TMS
C23
DNM
C22
DNM
X24M_N
X24M_P
2
Copyright © 2016, Texas Instruments Incorporated
Figure 10-5. 4 × 4 External Single-ended (4XS) Application Circuit
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com