Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 41 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 37Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 38Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 39Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 40Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 41Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 42Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 43Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 44Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
The UART implements a universal asynchronous receiver/transmitter function. It supports flexible baud-rate
generation up to a maximum of 3 Mbps .
Timer 0 is a general-purpose timer module (GPTM), which provides two 16-bit timers. The GPTM can be
configured to operate as a single 32-bit timer, dual 16-bit timers or as a PWM module.
Timer 1, Timer 2, and Timer 3 are also GPTMs. Each of these timers is functionally equivalent to Timer 0.
In addition to these four timers, the RF core has its own timer to handle timing for RF protocols; the RF timer can
be synchronized to the RTC.
The I2C interface is used to communicate with devices compatible with the I2C standard. The I2C interface is
capable of 100-kHz and 400-kHz operation, and can serve as both I2C master and I2C slave.
The TRNG module provides a true, nondeterministic noise source for the purpose of generating keys,
initialization vectors (IVs), and other random number requirements. The TRNG is built on 24 ring oscillators that
create unpredictable output to feed a complex nonlinear combinatorial circuit.
The watchdog timer is used to regain control if the system fails due to a software error after an external device
fails to respond as expected. The watchdog timer can generate an interrupt or a reset when a predefined time-
out value is reached.
The device includes a direct memory access (µDMA) controller. The µDMA controller provides a way to offload
data transfer tasks from the CM3 CPU, allowing for more efficient use of the processor and the available bus
bandwidth. The µDMA controller can perform transfer between memory and peripherals. The µDMA controller
has dedicated channels for each supported on-chip module and can be programmed to automatically perform
transfers between peripherals and memory as the peripheral is ready to transfer more data. Some features of
the µDMA controller include the following (this is not an exhaustive list):
• Highly flexible and configurable channel operation of up to 32 channels
• Transfer modes:
– Memory-to-memory
– Memory-to-peripheral
– Peripheral-to-memory
– Peripheral-to-peripheral
• Data sizes of 8, 16, and 32 bits
The AON domain contains circuitry that is always enabled, except for in Shutdown (where the digital supply is
off). This circuitry includes the following:
• The RTC can be used to wake the device from any state where it is active. The RTC contains three compare
and one capture registers. With software support, the RTC can be used for clock and calendar operation. The
RTC is clocked from the 32-kHz RC oscillator or crystal. The RTC can also be compensated to tick at the
correct frequency even when the internal 32-kHz RC oscillator is used instead of a crystal.
• The battery monitor and temperature sensor are accessible by software and give a battery status indication
as well as a coarse temperature measure.
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com