Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 18 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 14Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 15Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 16Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 17Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 18Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 19Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 20Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 21Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX UNIT
Ambient temperature
–40
85
°C
Operating supply
voltage (VDDS and
VDDR), external
regulator mode
For operation in 1.8-V systems
(VDDS and VDDR pins connected on PCB, internal DC/DC cannot be used)
1.7
1.95
V
Operating supply
voltage VDDS
For operation in battery-powered and 3.3-V systems
(internal DC/DC can be used to minimize power consumption)
1.8
3.8
V
Operating supply
voltages VDDS2 and
VDDS3
VDDS < 2.7 V
1.8
3.8
V
Operating supply
voltages VDDS2 and
VDDS3
VDDS ≥ 2.7 V
1.9
3.8
V
8.4 Power Consumption Summary
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V with internal DC/DC
converter, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Icore
Core current consumption
Reset. RESET_N pin asserted or VDDS below
Power-on-Reset threshold
100
nA
Shutdown. No clocks running, no retention
150
Standby. With RTC, CPU, RAM and (partial)
register retention. RCOSC_LF
1.1
µA
Standby. With RTC, CPU, RAM and (partial)
register retention. XOSC_LF
1.3
Standby. With Cache, RTC, CPU, RAM and
(partial) register retention. RCOSC_LF
2.8
Standby. With Cache, RTC, CPU, RAM and
(partial) register retention. XOSC_LF
3.0
Idle. Supply Systems and RAM powered.
650
Active. Core running CoreMark
1.45 mA +
31 µA/MHz
Radio RX (1)
5.9
mA
Radio RX(2)
6.1
Radio TX, 0-dBm output power(1)
6.1
Radio TX, 5-dBm output power(2)
9.1
Peripheral Current Consumption (Adds to core current Icore for each peripheral unit activated) (3)
Iperi
Peripheral power domain
Delta current with domain enabled
50
µA
Serial power domain
Delta current with domain enabled
13
µA
RF Core
Delta current with power domain enabled, clock
enabled, RF core idle
237
µA
µDMA
Delta current with clock enabled, module idle
130
µA
Timers
Delta current with clock enabled, module idle
113
µA
I2C
Delta current with clock enabled, module idle
12
µA
I2S
Delta current with clock enabled, module idle
36
µA
SSI
Delta current with clock enabled, module idle
93
µA
UART
Delta current with clock enabled, module idle
164
µA
(1)
Single-ended RF mode is optimized for size and power consumption. Measured on CC2650EM-4XS.
(2)
Differential RF mode is optimized for RF performance. Measured on CC2650EM-5XD.
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com