Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 1 Page - Texas Instruments

  CC2640R2FYFVT.B Datasheet HTML 1Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 2Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 3Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 4Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 5Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 6Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 7Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 8Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
CC2640R2F
SimpleLink™
Bluetooth® 5.1 Low Energy Wireless MCU
1 Features
• Microcontroller
– Powerful Arm® Cortex®-M3
– EEMBC CoreMark® score: 142
– Up to 48-MHz clock speed
– 275KB of nonvolatile memory including 128KB
of in-system Programmable Flash
– Up to 28KB of system SRAM, of which 20KB is
ultra-low leakage SRAM
– 8KB of SRAM for cache or system RAM use
– 2-Pin cJTAG and JTAG debugging
– Supports over-the-air upgrade (OTA)
• Ultra-low power sensor controller
– Can run autonomous from the rest of the
system
– 16-bit architecture
– 2KB of ultra-low leakage SRAM for code and
data
• Efficient code size architecture, placing drivers,
TI-RTOS, and Bluetooth® software in ROM to
make more Flash available for the application
• RoHS-compliant packages
– 2.7-mm × 2.7-mm YFV DSBGA34 (14 GPIOs)
– 4-mm × 4-mm RSM VQFN32 (10 GPIOs)
– 5-mm × 5-mm RHB VQFN32 (15 GPIOs)
– 7-mm × 7-mm RGZ VQFN48 (31 GPIOs)
• Peripherals
– All digital peripheral pins can be routed to any
GPIO
– Four general-purpose timer modules
(eight 16-bit or four 32-bit timers, PWM each)
– 12-bit ADC, 200-ksamples/s, 8-channel analog
MUX
– Continuous time comparator
– Ultra-low power analog comparator
– Programmable current source
– UART, I2C, and I2S
– 2× SSI (SPI, MICROWIRE, TI)
– Real-Time Clock (RTC)
– AES-128 security module
– True Random Number Generator (TRNG)
– Support for eight capacitive-sensing buttons
– Integrated temperature sensor
• External system
– On-chip internal DC/DC converter
– Seamless integration with CC2590 and
CC2592 range extenders
– Very few external components
– Pin compatible with the SimpleLink™ CC2640
and CC2650 devices in all VQFN packages
– Pin compatible with the SimpleLink™ CC2642R
and CC2652R devices in 7-mm x 7-mm VQFN
packages
– Pin compatible with the SimpleLink™ CC1350
device in 4-mm × 4-mm and 5-mm × 5-mm
VQFN packages
• Low power
– Wide supply voltage range
• Normal operation: 1.8 to 3.8 V
• External regulator mode: 1.7 to 1.95 V
– Active-Mode RX: 5.9 mA
– Active-Mode TX at 0 dBm: 6.1 mA
– Active-Mode TX at +5 dBm: 9.1 mA
– Active-Mode MCU: 61 µA/MHz
– Active-Mode MCU: 48.5 CoreMark/mA
– Active-Mode sensor controller:
0.4mA + 8.2 µA/MHz
– Standby: 1.1 µA (RTC running and RAM/CPU
retention)
– Shutdown: 100 nA (wake up on external
events)
• RF section
– 2.4-GHz RF transceiver compatible with
Bluetooth® Low Energy 5.1 and earlier LE
specifications
– Excellent receiver sensitivity (–97 dBm for
BLE), selectivity, and blocking performance
– Link budget of 102 dB for BLE
– Programmable output power up to +5 dBm
– Single-ended or differential RF interface
– Suitable for systems targeting compliance with
worldwide radio frequency regulations
• ETSI EN 300 328 (Europe)
• EN 300 440 Class 2 (Europe)
• FCC CFR47 Part 15 (US)
• ARIB STD-T66 (Japan)
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: CC2640R2F
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC2640R2FYFVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2FYFVT TI1-CC2640R2FYFVT Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
More results

Similar Description - CC2640R2FYFVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
CC2642R-Q1 TI1-CC2642R-Q1 Datasheet
1Mb / 61P
CC2642R-Q1 SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com